Electronic Components Datasheet Search
  English  ▼

X  

LTC4357 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4357
Description  Positive High Voltage Ideal Diode Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4357 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4357 Datasheet HTML 2Page - Linear Technology LTC4357 Datasheet HTML 3Page - Linear Technology LTC4357 Datasheet HTML 4Page - Linear Technology LTC4357 Datasheet HTML 5Page - Linear Technology LTC4357 Datasheet HTML 6Page - Linear Technology LTC4357 Datasheet HTML 7Page - Linear Technology LTC4357 Datasheet HTML 8Page - Linear Technology LTC4357 Datasheet HTML 9Page - Linear Technology LTC4357 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LTC4357

4357fd
operation
High availability systems often employ parallel-connected
power supplies or battery feeds to achieve redundancy
and enhance system reliability. ORing diodes have been
a popular means of connecting these supplies at the point
of load. The disadvantage of this approach is the forward
voltagedropandresultingefficiencyloss.Thisdropreduces
the available supply voltage and dissipates significant
power. Using an N-channel MOSFET to replace a Schottky
diode reduces the power dissipation and eliminates the
need for costly heat sinks or large thermal layouts in high
power applications.
The LTC4357 controls an external N-channel MOSFET to
form an ideal diode. The voltage across the source and
drain is monitored by the IN and OUT pins, and the GATE
pin drives the MOSFET to control its operation. In effect
the MOSFET source and drain serve as the anode and
cathode of an ideal diode.
At power-up, the load current initially flows through the
body diode of the MOSFET. The resulting high forward
voltage is detected at the IN and OUT pins, and the
LTC4357 drives the GATE pin to servo the forward drop
to 25mV. If the load current causes more than 25mV of
voltage drop when the MOSFET gate is driven fully on,
the forward voltage is equal to RDS(ON) • ILOAD.
If the load current is reduced causing the forward drop
to fall below 25mV, the MOSFET gate is driven lower by
a weak pull-down in an attempt to maintain the drop at
25mV. If the load current reverses and the voltage across
IN to OUT is more negative than –25mV the LTC4357
responds by pulling the MOSFET gate low with a strong
pull-down.
In the event of a power supply failure, such as if the output
of a fully loaded supply is suddenly shorted to ground,
reversecurrenttemporarilyflowsthroughtheMOSFETthat
is on. This current is sourced from any load capacitance
andfromtheothersupplies.TheLTC4357quicklyresponds
to this condition turning off the MOSFET in about 500ns,
thus minimizing the disturbance to the output bus.
MOSFET Selection
The LTC4357 drives an N-channel MOSFET to conduct
the load current. The important features of the MOSFET
are on-resistance, RDS(ON), the maximum drain-source
voltage, VDSS, and the gate threshold voltage.
Gate drive is compatible with 4.5V logic-level MOSFETs
in low voltage applications (VDD = 9V to 20V). At higher
voltages (VDD=20Vto80V)standard10VthresholdMOS-
FETs may be used. An internal clamp limits the gate drive
to 15V between the GATE and IN pins. An external Zener
clamp may be added between GATE and IN for MOSFETs
with a VGS(MAX) of less than 15V.
The maximum allowable drain-source voltage, BVDSS,
must be higher than the power supply voltage. If an input
is connected to GND, the full supply voltage will appear
across the MOSFET.
ORing Two-Supply Outputs
Where LTC4357s are used to combine the outputs of two
power supplies, the supply with the highest output voltage
sources most or all of the load current. If this supply’s
output is quickly shorted to ground while delivering load
current, the flow of current temporarily reverses and
flows backwards through the LTC4357’s MOSFET. When
the reverse current produces a voltage drop across the
MOSFETofmorethan–25mV,theLTC4357’sfastpull-down
activates and quickly turns off the MOSFET.
If the other, initially lower, supply was not delivering load
current at the time of the fault, the output falls until the
body diode of its ORing MOSFET conducts. Meanwhile,
the LTC4357 charges its MOSFET gate with 20µA until the
forwarddropisreducedto25mV.Ifinsteadthissupplywas
delivering load current at the time of the fault, its associ-
ated ORing MOSFET was already driven at least partially
on, and the LTC4357 will simply drive the MOSFET gate
harder in an effort to maintain a drop of 25mV.
applications inForMation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com