Electronic Components Datasheet Search
  English  ▼

X  

LTC4411 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4411
Description  2.6A Low Loss Ideal Diode in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4411 Datasheet(HTML) 1 Page - Linear Technology

  LTC4411 Datasheet HTML 1Page - Linear Technology LTC4411 Datasheet HTML 2Page - Linear Technology LTC4411 Datasheet HTML 3Page - Linear Technology LTC4411 Datasheet HTML 4Page - Linear Technology LTC4411 Datasheet HTML 5Page - Linear Technology LTC4411 Datasheet HTML 6Page - Linear Technology LTC4411 Datasheet HTML 7Page - Linear Technology LTC4411 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC4411
1
4411fa
LTC4411
SCHOTTKY
DIODE
CONSTANT ION
CONSTANT
RON
CONSTANT
VON
VFWD
FORWARD VOLTAGE (V)
LTC4411 FO1b
SLOPE
1/RON
SLOPE
1/RFWD
IOC
IMAX
IFWD
IN
GND
CTL
OUT
STAT
LTC4411
WALL
ADAPTER
INPUT
TO
LOAD
4.7µF
STATUS OUTPUT
IS LOW WHEN WALL
ADAPTER IS SUPPLYING
LOAD CURRENT
BATTERY
CELL(S)
470k
4411 F01
VCC
TYPICAL APPLICATIO
APPLICATIO S
DESCRIPTIO
FEATURES
, LTC and LT are registered trademarks of Linear Technology Corporation. ThinSOT and
PowerPath are trademarks of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
■ Low Loss Replacement for PowerPath
TM
OR’ing Diodes
■ Small Regulated Forward Voltage (28mV)
■ 2.6A Maximum Forward Current
■
Low Forward ON Resistance (140mΩ Max)
■ Low Reverse Leakage Current (<1µA)
■ 2.6V to 5.5V Operating Range
■
Internal Current Limit Protection
■ Internal Thermal Protection
■ No External Active Components
■
Pin-Compatible Monolithic Replacement
for the LTC4412
■ Low Quiescent Current (40µA)
■
Low-Profile (1mm) 5-lead SOT-23 Package
2.6A Low Loss
Ideal Diode in ThinSOT
TM
The LTC
®4411 is an ideal diode IC, capable of supplying up
to 2.6A from an input voltage between 2.6V and 5.5V. The
LTC4411 is housed in a 5-lead 1mm profile SOT-23
package.
The LTC4411 contains a 140mΩ P-channel MOSFET con-
necting IN to OUT. During normal forward operation, the
drop across the MOSFET is regulated to as low as 28mV.
Quiescent current is less than 40µA for load currents up to
100mA. If the output voltage exceeds the input voltage, the
MOSFET is turned off and less than 1µA of reverse current
flows from OUT to IN. Maximum forward current is limited
to a constant 2.6A (typical) and internal thermal limiting cir-
cuits protect the part during fault conditions.
An open-drain STAT pin indicates conduction status. The
STAT pin can be used to drive an auxiliary P-channel
MOSFET power switch connecting an alternate power
source when the LTC4411 is not conducting forward
current.
An active-high control pin turns off the LTC4411 and
reduces current consumption to less than 25µA. When
shut off, the LTC4411 indicates this condition with a low
voltage on the status signal.
Figure 1. Automatic Switchover of Load
Between a Battery and a Wall Adapter
■ Cellular Phones
■ Handheld Computers
■ Digital Cameras
■ USB Peripherals
■ Uninterrupted Supplies
■ Logic Controlled Power Switch
LTC4411 vs Schottky Diode
Forward Voltage Characteristics


Similar Part No. - LTC4411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4411 LINER-LTC4411 Datasheet
212Kb / 8P
2.6A Low Loss Ideal Diode in ThinSOT
LTC4411 LINER-LTC4411 Datasheet
193Kb / 16P
Push Button On/Off Controller
logo
Linear Integrated Syste...
LTC4411 LINEAR-LTC4411 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4411 LINER-LTC4411 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4411 LINER-LTC4411 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC4411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4412 LINER-LTC4412 Datasheet
156Kb / 12P
Low Loss PowerPathTM Controller in ThinSOT
LTC4411 LINER-LTC4411 Datasheet
212Kb / 8P
2.6A Low Loss Ideal Diode in ThinSOT
LTC4413 LINER-LTC4413 Datasheet
154Kb / 12P
Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
LTC4412HV LINER-LTC4412HV Datasheet
177Kb / 12P
36V, Low Loss PowerPathTM Controller in ThinSOT
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
LTC4412HV LINER-LTC4412HV_15 Datasheet
182Kb / 12P
36V, Low Loss PowerPath Controller in ThinSOT
LTC4413 LINER-LTC4413_15 Datasheet
163Kb / 12P
Dual 2.6A, 2.5V to 5.5V, Ideal Diodes
LTC4412 LINER-LTC4412_15 Datasheet
405Kb / 14P
Low Loss PowerPath Controller in ThinSOT
LTC4413-1 LINER-LTC4413-1_15 Datasheet
190Kb / 16P
Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
LTC4413-2 LINER-LTC4413-2_15 Datasheet
190Kb / 16P
Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com