Electronic Components Datasheet Search
  English  ▼

X  

LTC4411 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4411
Description  2.6A Low Loss Ideal Diode in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4411 Datasheet(HTML) 4 Page - Linear Technology

  LTC4411 Datasheet HTML 1Page - Linear Technology LTC4411 Datasheet HTML 2Page - Linear Technology LTC4411 Datasheet HTML 3Page - Linear Technology LTC4411 Datasheet HTML 4Page - Linear Technology LTC4411 Datasheet HTML 5Page - Linear Technology LTC4411 Datasheet HTML 6Page - Linear Technology LTC4411 Datasheet HTML 7Page - Linear Technology LTC4411 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC4411
4411fa
PI FU CTIO S
IN (Pin 1): Ideal Diode Anode and Positive Power Supply
for LTC4411. When operating LTC4411 as a switch it must
be bypassed with a low ESR ceramic capacitor of 1µF. X5R
and X7R dielectrics are preferred for their superior voltage
and temperature characteristics.
GND (Pin 2): Power and Signal Ground for the IC.
CTL (Pin 3): Controlled Shutdown Pin. Weak (3µA) Pull-
Down. Pull this pin high to shut down the IC. Tie to GND
to enable. Can be left floating when not in use.
STAT (Pin 4): Status Condition Indicator. This pin indi-
cates the conducting status of the LTC4411. If the part is
forward biased (VIN > VOUT + VFWD) this pin will be Hi-Z.
If the part is reverse biased (VOUT > VIN + VRTO), then this
pin will pull down 10µA through an open-drain. When
terminated to a high voltage through a 470k resistor, a
high voltage indicates diode conducting. May be left
floating or grounded when not in use.
OUT (Pin 5): Ideal Diode Cathode and Output of the
LTC4411. Bypass OUT with a nominal 1mΩ ESR capacitor
of at least 4.7µF. The LTC4411 is stable with ESRs down
to 0.2mΩ. However stability improves with higher ESRs.
TYPICAL PERFOR A CE CHARACTERISTICS
RFWD vs VSUPPLY
RFWD vs Temperature at
VIN = 3.6V
IQROUT vs VREVERSE at VIN = 0V
01
2
3
4
5
6
REVERSE VOLTAGE (V)
10µ
1µ
100n
10n
4411 G07
TA = 60°C
TA = 80°C
TA = 100°C
TA = 120°C
SUPPLY VOLTAGE (V)
2.5
0.150
0.125
0.100
0.075
0.050
3.0
3.5
4.0
4.5
4411 G04
5.0
5.5
TEMPERATURE (°C)
–40
120
4411 G05
0
–20
20
100
40
60
80
REVERSE VOLTAGE (V)
01
2
3
4
5
6
100µ
10µ
1µ
100n
4411 G06
TA = –40°C
TA = 0°C
TA = 40°C
0.15
0.10
0.20
0.05
0
TA = 80°C
TA = 120°C
4411 G08
4411 G09
TA = –40°C
TA = 0°C
TA = 40°C
TA = 80°C
TA = 120°C
VCTRL
500mV/DIV
VSTAT
2V/DIV
VOUT
2V/DIV
IOUT
500mA/DIV
200µs/DIV
VCTRL
500mV/DIV
VSTAT
2V/DIV
VOUT
2V/DIV
IOUT
50mA/DIV
20µs/DIV
ILEAK vs VREVERSE, VIN = 0V
CTL Turn-On
CTL Turn-Off



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com