Electronic Components Datasheet Search
  English  ▼

X  

LTC4411 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4411
Description  2.6A Low Loss Ideal Diode in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4411 Datasheet(HTML) 5 Page - Linear Technology

  LTC4411 Datasheet HTML 1Page - Linear Technology LTC4411 Datasheet HTML 2Page - Linear Technology LTC4411 Datasheet HTML 3Page - Linear Technology LTC4411 Datasheet HTML 4Page - Linear Technology LTC4411 Datasheet HTML 5Page - Linear Technology LTC4411 Datasheet HTML 6Page - Linear Technology LTC4411 Datasheet HTML 7Page - Linear Technology LTC4411 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LTC4411
5
4411fa
BLOCK DIAGRA
Figure 2. Detailed Block Diagram
–
+
+
–
P1
VB
VB
OVERTEMP
UVLO
OUTMAX
10µA
3µA
VREF
OFF
SHDB
3
1
5
4
2
STAT
OUT
CTL
IN
GND
4411 F02
A
VGATE
Figure 3. LTC4411 vs Schottky Diode
Forward Conduction Characteristics
OPERATIO
The LTC4411 operation is described with the aid of
Figure 3. Forward regulation for the LTC4411 has three
operation modes depending on the magnitude of the load
current. For small load currents, the LTC4411 will provide
a constant voltage drop; this operating mode is referred to
as “constant VON” regulation. As the current exceeds IFWD
the voltage drop will increase linearly with the current with
a slope of 1/RON; this operating mode is referred to as
“constant RON” regulation. As the current increases fur-
ther, exceeding IMAX, the forward voltage drop will in-
crease rapidly; this operating mode is referred to as
“constant ION” regulation. The characteristics for the
following parameters: RFWD, RON, VFWD, IFWD, and IMAX
are specified with the aid of Figure 3.
Operation begins when the power source at IN rises above
the UVLO voltage of 2.4V (typ) and the CTL (control) pin
is low. If only the voltage at the IN pin is present, the power
source to LTC4411 (VDD) will be supplied from the IN pin.
The amplifier (A) will deliver a voltage proportional to the
difference between VIN and VOUT to the gate (VGATE) of the
internal P-channel MOSFET (P1), driving this gate voltage
below VIN. This will turn on P1. As P1 conducts, VOUT will
be pulled up towards VIN. The LTC4411 will then control
VGATE to maintain a low forward voltage drop. The system
is now in forward regulation and the load at OUT will be
powered from the supply at IN. As the load current varies,
VGATE will be controlled to maintain a low forward voltage
drop. If the load current exceeds P1’s ability to deliver the
current, as VGATE approaches GND, the P1 will behave as
a fixed resistor, with resistance RON, whereby the forward
voltage will increase with increased load current. As ILOAD
increases further (ILOAD > IMAX), the LTC4411 will regulate
the load current as described below. During the forward
regulation mode of operation the STAT pin will be an open
circuit.
VFWD
IOC
IMAX
IFWD
FORWARD VOLTAGE (V)
0
3.0
2.5
2.0
1.5
1.0
0.5
0
0.25
0.5
0.75
1.0
4411 F03
TA = 40°C
SLOPE
1/RON
SLOPE
1/RFWD
SCHOTTKY
DIODE
LTC4411



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com