Electronic Components Datasheet Search
  English  ▼

X  

LTC4555 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4555
Description  SIM Power Supply and Level Translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4555 Datasheet(HTML) 3 Page - Linear Technology

  LTC4555 Datasheet HTML 1Page - Linear Technology LTC4555 Datasheet HTML 2Page - Linear Technology LTC4555 Datasheet HTML 3Page - Linear Technology LTC4555 Datasheet HTML 4Page - Linear Technology LTC4555 Datasheet HTML 5Page - Linear Technology LTC4555 Datasheet HTML 6Page - Linear Technology LTC4555 Datasheet HTML 7Page - Linear Technology LTC4555 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC4555
3
4555fb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4555E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
High Level Input Current (IIH)DATA
l
–20
20
μA
Low Level Input Current (IIL)
DATA
l
1mA
High Level Output Voltage (VOH)DATA IOH = 20μA, I/O = VCC
l 0.7 × DVCC
V
Low Level Output Voltage (VOL)DATA IOL = –200μA, I/O = 0V
l
0.4
V
DATA Pull-Up Resistance
Between DATA and DVCC
13
20
30
kΩ
SIM Inputs/Outputs (VCC = 3V)
High Level Output Voltage (VOH)
I/O, IOH = 20μA, DATA = DVCC
l
0.8
× VCC
V
Low Level Output Voltage (VOL)
I/O, IOL = –1mA, DATA = 0V
l
0.4
V
High Level Output Voltage (VOH)
RST, CLK, IOH = 20μA
l
0.9
× VCC
V
Low Level Output Voltage (VOL)
RST, CLK, IOL = –200μA
l
0.4
V
I/O Pull-Up Resistance
Between I/O and VCC
6.5
10
14
kΩ
SIM Inputs/Outputs (VCC = 1.8V)
High Level Output Voltage (VOH)
I/O, IOH = 20μA, DATA = DVCC
l
0.8
× VCC
V
Low Level Output Voltage (VOL)
I/O, IOL = –1mA, DATA = 0V
l
0.3
V
High Level Output Voltage (VOH)
RST, CLK, IOH = 20μA
l
0.9
× VCC
V
Low Level Output Voltage (VOL)
RST, CLK, IOL = –200μA
l
0.2
× VCC
V
I/O Pull-Up Resistance
Between I/O and VCC
6.5
10
14
kΩ
SIM Timing Parameters
CLK Rise/Fall Time
CCLK = 30pF, VCC = 1.8V/3V
l
18
ns
RST, I/O Rise/Fall Time
RST, I/O Loaded with 30pF, VCC = 1.8V/3V
l
1μs
Max CLK Frequency
5MHz
VCC Turn-On Time
SHDN = 1, (Note 3)
0.5
ms
VCC Discharge Time to 1V
SHDN = 0, (Note 3)
0.5
ms
Note 3: Specification is guaranteed by design and not 100% tested in
production.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com