Electronic Components Datasheet Search
  English  ▼

X  

LTC4555 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4555
Description  SIM Power Supply and Level Translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4555 Datasheet(HTML) 4 Page - Linear Technology

  LTC4555 Datasheet HTML 1Page - Linear Technology LTC4555 Datasheet HTML 2Page - Linear Technology LTC4555 Datasheet HTML 3Page - Linear Technology LTC4555 Datasheet HTML 4Page - Linear Technology LTC4555 Datasheet HTML 5Page - Linear Technology LTC4555 Datasheet HTML 6Page - Linear Technology LTC4555 Datasheet HTML 7Page - Linear Technology LTC4555 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC4555
4
4555fb
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Short-Circuit Current
IBAT vs VBAT
PIN FUNCTIONS
TEMPERATURE (°C)
–40
170
150
130
110
90
70
50
20
60
4555 G01
–20
0
40
80
100
TA = –40°C
VBAT (V)
2.5
22
20
18
16
14
12
10
4.0
5.0
4555 G02
3.0
3.5
4.5
5.5
6.0
VCC = 1.8V
VCC = 3V
TA = 25°C
TA = 85°C
TA = 85°C
TA = 25°C
TA = –40°C
SHDN (Pin 1): Controller Driven Shutdown Pin. This pin
should be high (DVCC) for normal operation and low to
activate a low current shutdown mode.
VSEL (Pin 2): VCC Voltage Select Pin. A low level selects VCC
= 1.8V while driving this pin to DVCC selects VCC = 3V.
DVCC (Pin 3): Supply Voltage for the Controller Side I/O
Pins (CIN, RIN, DATA). When below 1.1V, the VCC supply
is disabled. This pin should be bypassed with a 0.1μF
ceramic capacitor close to the pin.
NC (Pins 4, 6, 12, 16): No Connect.
VBAT (Pin 5): VCC Supply Input. This pin can be between
3V and 6V for normal operation. VBAT quiescent current
reduces to <1μA in shutdown. This pin should be bypassed
with a 0.1μF ceramic capacitor close to the pin.
VCC (Pin 7): SIM Card VCC Supply. A 1μF low ESR capacitor
needs to be connected close to the VCC pin for stable opera-
tion. This pin is discharged to GND during shutdown.
I/O (Pin 8): SIM-Side Data I/O. The SIM card output must
be on an open-drain driver capable of sourcing >1mA.
RST (Pin 9): Reset Output Pin for the SIM Card.
GND (Pin 10): Ground for the SIM and Controller. Proper
grounding and bypassing is required to meet 14kV ESD
specifications.
CLK (Pin 11): Clock Output Pin for the SIM Card. This
pin is pulled to ground during shutdown. Fast rising and
falling edges necessitate careful board layout for the CLK
node.
CIN (Pin 13): Clock Input from the Controller.
RIN (Pin 14): Reset Input from the Controller.
DATA (Pin 15): Controller Side Data I/O. This pin is used
for bidirectional data transfer. The controller output must
be an open-drain configuration. The open-drain output
must be capable of sinking greater than 1mA.
Exposed Pad (Pin 17): GND. Must be soldered to PCB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com