Electronic Components Datasheet Search
  English  ▼

X  

LTC4555 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4555
Description  SIM Power Supply and Level Translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4555 Datasheet(HTML) 6 Page - Linear Technology

  LTC4555 Datasheet HTML 1Page - Linear Technology LTC4555 Datasheet HTML 2Page - Linear Technology LTC4555 Datasheet HTML 3Page - Linear Technology LTC4555 Datasheet HTML 4Page - Linear Technology LTC4555 Datasheet HTML 5Page - Linear Technology LTC4555 Datasheet HTML 6Page - Linear Technology LTC4555 Datasheet HTML 7Page - Linear Technology LTC4555 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC4555
6
4555fb
APPLICATIONS INFORMATION
The LTC4555 provides both regulated power and internal
level translators to allow low voltage controllers to interface
with 1.8V or 3V SIMs or smart cards. The part meets all
ETSI, IMT-2000 and ISO7816 requirements for SIM and
smart card interfaces.
VCC Voltage Regulator
The VCC voltage regulator is a 50mA low dropout (LDO)
regulator with a digitally selected 1.8V or 3V output.
The output voltage is selected via the VSEL pin. The output
is internally current limited and is capable of surviving an
indefinite short to GND.
The VCC output should be bypassed with a 1μF capacitor.
The LTC4555 can use either a low ESR ceramic capacitor
or a tantalum electrolytic capacitor on the VCC pin, with
no special ESR requirements.
VBAT should be bypassed with a 0.1μF ceramic capacitor.
Level Translators
All SIMs and smart cards contain a clock input, a reset
input and a bidirectional data input/output. The LTC4555
provides level translators to allow controllers to com-
municate with the SIM. The CLK and RST lines to the
SIM are level shifted from the controller supply (GND to
DVCC) to the SIM supply (GND to VCC). The data input to
the SIM requires an open-drain output on the controller.
On-chip pull-up resistors are provided for both the DATA
and I/O lines.
Shutdown Modes
The LTC4555 enters a low current shutdown mode by
pulling the SHDN pin low. The SHDN pin is an active low
input that the controller can use to directly shut down
the part.
ESD Protection
All pins that connect to the SIM/smart card will withstand
14kV of human body model ESD. In order to ensure
proper ESD protection, careful board layout is required.
The GND pin should be tied directly to a GND plane. The
VCC capacitor should be located very close to the VCC pin
and tied directly to the GND plane.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com