Electronic Components Datasheet Search
  English  ▼

X  

AN4376 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 22Page - STMicroelectronics AN4376 Datasheet HTML 23Page - STMicroelectronics AN4376 Datasheet HTML 24Page - STMicroelectronics AN4376 Datasheet HTML 25Page - STMicroelectronics AN4376 Datasheet HTML 26Page - STMicroelectronics AN4376 Datasheet HTML 27Page - STMicroelectronics AN4376 Datasheet HTML 28Page - STMicroelectronics AN4376 Datasheet HTML 29Page - STMicroelectronics AN4376 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
PFC waveforms
AN4376
26/37
DocID025380 Rev 1
7.4
Controller startup and light-ON
With a VCC capacitor of 22
F (see Figure 9: EVLHVLED815W10A demonstration board
schematic on page 12), the HVLED815PF turns-on in 50 ms. A light appears hundreds
milliseconds later (see CH1-LED current).
A capacitor C5 (2.2 µF) on the ILED pin is charging during the start-up phase and it is
responsible of the LED current soft-start time.
Acting on this C5 capacitor, it is possible to modify the soft-start time. In detail, to speed up
the loop it is enough to reduce the C5 capacitor reducing the soft-start time.
Figure 30. ILED pin operation at 230 VAC
Figure 31. ILED pin operation at 265 VAC
CH1: VIN
CH2: BJT-base
CH3: ILED pin
CH4: C5 capacitor
CH1: VIN
CH2: BJT-base
CH3: ILED pin
CH4: C5 capacitor
Figure 32. Startup at 100 VAC - 50 Hz
Figure 33. Startup at 230 VAC - 50 Hz
CH1: LED current
CH2: CS
CH3: VOUT
CH4: VCC
CH1: LED current
CH2: CS
CH3: VOUT
CH4: VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com