Electronic Components Datasheet Search
  English  ▼

X  

AN4376 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 28Page - STMicroelectronics AN4376 Datasheet HTML 29Page - STMicroelectronics AN4376 Datasheet HTML 30Page - STMicroelectronics AN4376 Datasheet HTML 31Page - STMicroelectronics AN4376 Datasheet HTML 32Page - STMicroelectronics AN4376 Datasheet HTML 33Page - STMicroelectronics AN4376 Datasheet HTML 34Page - STMicroelectronics AN4376 Datasheet HTML 35Page - STMicroelectronics AN4376 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
PFC waveforms
AN4376
32/37
DocID025380 Rev 1
Figure 44. Top side thermal map with 25 LED load - 10.5 W output
Vin = 85 VAC- 25 LEDs
Point
Temperature
Description
A
63.0 °C
L1
B
62.3 °C
L2
C
66.0 °C
Drain
D
50.6 °C
T1 - magnetic
E
51.7 °C
T1 - winding
F
50.6 °C
T1 - magnetic
Vin = 100 VAC - 25 LEDs
Point
Temperature
Description
A
55.5 °C
L1
B
54.7 °C
L2
C
60.2 °C
Drain
D
48.7 °C
T1 - magnetic
E
50.9 °C
T1 - winding
F
49.2 °C
T1 - magnetic
Vin = 230 VAC - 25 LEDs
Point
Temperature
Description
A
50.1 °C
L1
B
47.6 °C
L2
C
56.0 °C
Drain
D
48.7 °C
T1 - magnetic
E
51.5 °C
T1 - winding
F
48.4 °C
T1 - magnetic
Vin = 265 VAC - 25 LEDs
Point
Temperature
Description
A
49.5 °C
L1
B
53.1 °C
L2
C
58.7 °C
Drain
D
48.7 °C
T1 - magnetic
E
52.0 °C
T1 - winding
F
49.2 °C
T1 - magnetic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com