Electronic Components Datasheet Search
  English  ▼

X  

AN4376 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 29Page - STMicroelectronics AN4376 Datasheet HTML 30Page - STMicroelectronics AN4376 Datasheet HTML 31Page - STMicroelectronics AN4376 Datasheet HTML 32Page - STMicroelectronics AN4376 Datasheet HTML 33Page - STMicroelectronics AN4376 Datasheet HTML 34Page - STMicroelectronics AN4376 Datasheet HTML 35Page - STMicroelectronics AN4376 Datasheet HTML 36Page - STMicroelectronics AN4376 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
PFC waveforms
AN4376
34/37
DocID025380 Rev 1
7.8
Harmonic content at nominal mains voltage
One of the main purposes of this converter is the correction of input current distortion,
decreasing the harmonic contents below the limits of the actual regulation. Therefore, the
board has been tested according to the Japanese JEIDA-MITI Class-C standard and
European EN61000-3-2 Class-C standard, at a full load and both nominal input voltage
mains.
Figure 46. Measurement at 100 VAC, 50 Hz, PIN = 10.95 W, POUT = 9.5 W, PF = 0.9880
Figure 47. Measurement at 230 V, 50 Hz, PIN = 10.88 W, POUT = 9.48 W, PF = 0.9220
Figure 46 and Figure 47 show as the harmonics respect the limits for the Class-C
equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com