Electronic Components Datasheet Search
  English  ▼

X  

AN4395 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4395
Description  Autonomous wireless multi-sensor node powered by PV cells
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4395 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4395 Datasheet HTML 3Page - STMicroelectronics AN4395 Datasheet HTML 4Page - STMicroelectronics AN4395 Datasheet HTML 5Page - STMicroelectronics AN4395 Datasheet HTML 6Page - STMicroelectronics AN4395 Datasheet HTML 7Page - STMicroelectronics AN4395 Datasheet HTML 8Page - STMicroelectronics AN4395 Datasheet HTML 9Page - STMicroelectronics AN4395 Datasheet HTML 10Page - STMicroelectronics AN4395 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID025513 Rev 1
7/24
AN4395
Transmitter board schematics and bill of material
24
Table 1. Transmitter board - bill of material
Item Qty.
Designator
SCI part number
Value
1
1
BT1
BATT-CR2450-3V6
3.6 V
2
9
C1, C2, C3, C7, C13, C15, C33, C42, C43
CCERSMD104-0402M
100 nF
3
1
C4
CCERSMD226-0603V
22
F
4
2
C5, C6
CCERSMD060-0402
6 pF
51
C8
10
F - DNM
6
2
C9, C20
CCERSMD106-0603R
10
F
7
1
C10
CCERSMD105-0603T
1
F
8
1
C11
CCERSMD101-0402M
100 pF
9
3
C12, C16, C28
CCERSMD331-0402
330 pF
10
1
C14
CCERSMD105-0603T
1
F
11
2
C17, Ctun1
DNM
12
2
C18, C23
DNM
13
1
C19
CCERSMD221-0603
220 pF
14
2
C21, C31
CCERSMD221-0402
220 pF
15
1
C22
CCERSMD070-0402
7 pF
16
1
C24
CCERSMD024-0402
2.4 pF
17
1
C25
CCERSMD036-0402
3.6 pF
18
2
C26, C27
CCERSMD180-0402
18 pF
19
1
C29
CCERSMD103-0402M
10 nF
20
1
C30
CCERSMD015-0402
1.5 pF
21
1
C32
CCERSMD020-0402
2 pF
22
2
C34, C35
CCERSMD105-0603T
1
F
23
1
C36
CCERSMD104-0603T
100 nF
24
2
C37, C38
CCERSMD105-0603T
1
F
25
2
C39, C40
CCERSMD476-0805K
47
F
26
1
C41
CCERSMD103-0603R
10 nF
27
1
C44
CCERSMD474-0603P
470 nF
28
1
CN1
USB-MICROB-SMD
USB
29
1
CN2
SAM-TSW10208GSRA
Header 2
30
1
Ctun2
DNM
31
4
D1, D2, D3, D4
DBAT41M-SMD
Schottky
32
1
J1
BNC-SMA-9EL-SMD
BNC
33
1
No reference: antenna to be screwed on J1
LPRS - WR868
868 MHz to 915 MHz,
SMA antenna
34
1
J2
STRIP2PM
JUMPER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com