Electronic Components Datasheet Search
  English  ▼

X  

AN4395 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4395
Description  Autonomous wireless multi-sensor node powered by PV cells
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4395 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4395 Datasheet HTML 5Page - STMicroelectronics AN4395 Datasheet HTML 6Page - STMicroelectronics AN4395 Datasheet HTML 7Page - STMicroelectronics AN4395 Datasheet HTML 8Page - STMicroelectronics AN4395 Datasheet HTML 9Page - STMicroelectronics AN4395 Datasheet HTML 10Page - STMicroelectronics AN4395 Datasheet HTML 11Page - STMicroelectronics AN4395 Datasheet HTML 12Page - STMicroelectronics AN4395 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DocID025513 Rev 1
9/24
AN4395
Transmitter board schematics and bill of material
24
69
1
R39
RESMD5361-603-01
5.36 k
70
1
R40
RESMD2051-0603
2.05 k
71
1
SW1
PULS-B3U1100-SMD
SW-PB
72
4
SW2, SW4, SW6, SW7
STG3220QTR-SMD
STG3220
73
4
SW3, SW5, SW8, SW9
STG5223QTR-SMD
STG5223
74
2
SW10, SW11
RS 712-2558
SW SLIDE-SPST
75
3
TP1, TP3, TP17
TEST2
TEST2
76
2
TP2, TP4
TEST2-R
TEST2
77
12
TP5, TP6, TP7, TP8, TP9, TP10, TP11,
TP12, TP13, TP14, TP15, TP16
DNM
78
1
U1
STM32L151-SMD
STM32L151CB5T6
79
1
U2
STTS7510WB3-SMD
STTS751
80
1
U3
LIS3DH-SMD
LIS3DH
81
1
U4
LPS331AP-SMD
LPS331APY
82
1
U5
SPIRIT1QTR-SMD
SPIRIT1
83
1
U6
M24LR64ER-SMD
M24LR64E-R
84
1
U7
STLQ50C-R-SMD
STLQ50
85
1
U8
PTR-SFH5711-SMD
SFH5711
86
1
U9
ST715MR-SMD
ST715MR
87
1
U10
STLQ015XG25R-SMD
STLQ015XX
88
1
U11
KIT-EXT
SPV1050
89
2
U12
PANN-AM-1801
PV PANEL
90
1
U13
BATT-HOLD-2450
BATT-HOLD-2450
91
1
VR1
RTR-3312-2M-SMD
0 - 2 M
92
1
X1
Q4MHZ-SMD-RISZ
4 MHz
93
1
X2
Q32,768-ABS07SMD
XT-2PIN
94
1
XTAL1
Q50MHZ-TXC7M-SMD
50 MHz
95
1
CX1
CCERSMD225-0805X
2.2
F
Table 1. Transmitter board - bill of material (continued)
Item Qty.
Designator
SCI part number
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com