Electronic Components Datasheet Search
  English  ▼

X  

AN4395 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4395
Description  Autonomous wireless multi-sensor node powered by PV cells
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4395 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4395 Datasheet HTML 16Page - STMicroelectronics AN4395 Datasheet HTML 17Page - STMicroelectronics AN4395 Datasheet HTML 18Page - STMicroelectronics AN4395 Datasheet HTML 19Page - STMicroelectronics AN4395 Datasheet HTML 20Page - STMicroelectronics AN4395 Datasheet HTML 21Page - STMicroelectronics AN4395 Datasheet HTML 22Page - STMicroelectronics AN4395 Datasheet HTML 23Page - STMicroelectronics AN4395 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
STEVAL-IDS002V1 reference kit description (SPIDEr™)
AN4395
22/24
DocID025513 Rev 1
5.2
RX board connectors and jumpers
P1 (20-pin connector): standard JTAG connector
P2 (5-pin): standard USB connector
Table 15. P1- part 1
Pin
1 - 2
3
5
7
9
11
13
15
Direction
OUT
OUT
IN
OUT
OUT
INOUT
OUT
OUT
Signal
VDD
TRST
TDI
TMS
TCK
PD
TDO
NRST
Table 16. P1 - part 2
Pin
17 - 19
2 - 4 - 6 - 8 - 10 - 12 - 14 - 16 - 18 - 20
Direction
INOUT
INOUT
Signal
PD
GND
Table 17. P2
Pin
1
2
3
4
5
Direction
IN
INOUT
INOUT
INOUT
INOUT
Signal
VUSB (5 V)
D-
D+
GND
SHIELD
Table 18. J2
J2
Function
CLOSE 1 - 2: USB direct supply
OPEN 1 - 2: Alternative supply from P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com