Electronic Components Datasheet Search
  English  ▼

X  

AN4503 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4503
Description  This application note provides guidelines for successfully integrating
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4503 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4503 Datasheet HTML 12Page - STMicroelectronics AN4503 Datasheet HTML 13Page - STMicroelectronics AN4503 Datasheet HTML 14Page - STMicroelectronics AN4503 Datasheet HTML 15Page - STMicroelectronics AN4503 Datasheet HTML 16Page - STMicroelectronics AN4503 Datasheet HTML 17Page - STMicroelectronics AN4503 Datasheet HTML 18Page - STMicroelectronics AN4503 Datasheet HTML 19Page - STMicroelectronics AN4503 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Linux kernel space
AN4503
16/26
DocID026411 Rev 2
3.3
Permission setting
The permission of some files in the ramdisk.img should be specifically set by adding some
lines to the relevant init.<board>.rc file (for the Panda-board, the file
init.omap4pandabpard.rc located in <RAS>/device/ti/panda).
In particular:
chmod 0666 /sys/class/input/input<x>/device/device/enable_device
chown system system /sys/class/input/input<x>/device/device/enable_device
chmod 0666 /sys/class/input/input<x>/device/device/full_scale
chown system system /sys/class/input/input<x>/device/device/full_scale
chmod 0666 /sys/class/input/input<x>/device/device/poll_period_ms
chown system system /sys/class/input/input<x>/device/device/poll_period_ms
where <x> is the 'number' corresponding to the proper event.
After modifying the above mentioned file, run "make bootimage" from <RAS> to build the
new boot.img. This new image, which includes the kernel (zImage in <KR>/arch/arm/boot)
and the ramdisk.img, can be found in <RAS>/device/ti/panda.
3.4
Output data from the driver
3.4.1
Where to find the data
The Linux infrastructure provides the raw data from the driver in the assigned
/dev/input/event<x> devices (see the routine <device>_report_values, where <device> is
the name of the device, hts221 or lps25h or uvis).
This data can be accessed with the corresponding command from the Linux shell
 [Android shell]$ getevent /dev/input/event<x>
The real values (read from the device or calculated) can also be read as real values via the
Minicom for debugging purposes only. Do this by enabling #DEBUG in the corresponding
driver and then read the data through pr_info in hts221_get_data() or
lps25_prs_get_presstemp_data().
3.4.2
Sample application for reading data
The data exported in /dev/event/input<X> can also be read with a simple algorithm in the C
language, in a dynamic library or directly from an application.
Below is a simple skeleton, where argv[1] is the path: /dev/input/event
#include <stdio.h>
#include <time.h>
#include <sys/times.h>
#include <sys/stat.h>
#include <fcntl.h>
#include <unistd.h>
#include <stdint.h>
#include <assert.h>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com