Electronic Components Datasheet Search
  English  ▼

X  

AN4503 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4503
Description  This application note provides guidelines for successfully integrating
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4503 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4503 Datasheet HTML 18Page - STMicroelectronics AN4503 Datasheet HTML 19Page - STMicroelectronics AN4503 Datasheet HTML 20Page - STMicroelectronics AN4503 Datasheet HTML 21Page - STMicroelectronics AN4503 Datasheet HTML 22Page - STMicroelectronics AN4503 Datasheet HTML 23Page - STMicroelectronics AN4503 Datasheet HTML 24Page - STMicroelectronics AN4503 Datasheet HTML 25Page - STMicroelectronics AN4503 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Building a simple apk for testing
AN4503
22/26
DocID026411 Rev 2
getMenuInflater().inflate(R.menu.main, menu);
return true;
}
}
This above is just a quick example for testing the environment; other features should be
considered to build a proper apk.
Pls. note that the Sensor Type to be set in the tested environmental sensors are:
LPS25H : Pressure
HTS221: Relative_Humidity
UVIS25: Light
In actual Android release, the Ultraviolet type sensor is not foreseen; so the "Light" option
seemed to be the correct choice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26