Electronic Components Datasheet Search
  English  ▼

X  

AN4503 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4503
Description  This application note provides guidelines for successfully integrating
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4503 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4503 Datasheet HTML 15Page - STMicroelectronics AN4503 Datasheet HTML 16Page - STMicroelectronics AN4503 Datasheet HTML 17Page - STMicroelectronics AN4503 Datasheet HTML 18Page - STMicroelectronics AN4503 Datasheet HTML 19Page - STMicroelectronics AN4503 Datasheet HTML 20Page - STMicroelectronics AN4503 Datasheet HTML 21Page - STMicroelectronics AN4503 Datasheet HTML 22Page - STMicroelectronics AN4503 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
DocID026411 Rev 2
19/26
AN4503
Android sensor HAL
26
In the HAL folder:
 [RAS]/device/[vendor name]/[boardname]/libsensors
launch the “mm” command in the HAL folder to build a dynamic library named
sensors.[board name].so. At the end of the process, it can be found in:
 [RAS]/out/target/product/[boardname]/system/lib/hw/
This library can then be added to the existing library, remounting the filesystem and using
the "adb push" command. Follow these steps:
 [RAS]$ adb root
 [RAS]$ adb remount
 [RAS]$ adb push sensors.[boardname].so /system/lib/hw
 [RAS]$ adb shell] stop
 [RAS]$ adb shell] start
Note:
In case of other similar libraries with the same name, use different useful names, like
sensors.[processorname].so.
For reference purposes with the Panda-board, use the example: sensors.omap4.so.
The name of the lib that is built can be chosen and changed by writing the desired name in:
LOCAL_MODULE := sensors.$(TARGET_BOARD_PLATFORM) in the relevant Android.mk
file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26