Electronic Components Datasheet Search
  English  ▼

X  

AN4504 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 30Page - STMicroelectronics AN4504 Datasheet HTML 31Page - STMicroelectronics AN4504 Datasheet HTML 32Page - STMicroelectronics AN4504 Datasheet HTML 33Page - STMicroelectronics AN4504 Datasheet HTML 34Page - STMicroelectronics AN4504 Datasheet HTML 35Page - STMicroelectronics AN4504 Datasheet HTML 36Page - STMicroelectronics AN4504 Datasheet HTML 37Page - STMicroelectronics AN4504 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
First-in first-out (FIFO) buffer
AN4504
34/41
DocID026419 Rev 1
Figure 16. Stream mode slow reading behavior
In Figure 16, due to slow reading, data from “jj” are not retrieved because they are replaced
by the new gyroscope samples generated by the system.
Figure 17. Stream mode slow reading zoom
After Stream mode is enabled, FIFO slots are filled at the end of each ODR time frame. The
read procedure must start as soon as the OVRN flag is set to “1”, data are retrieved from
FIFO at the beginning of the read operation. When a read command is sent to the device,
the content of the output registers is moved to the SPI/I2C register and the current oldest
FIFO value is shifted into the output registers in order to allow the next read operation. In the
case of a read slower than 1*ODR, some data can be retrieved from FIFO after that new
sample is inserted into the addressed location. In Figure 17 the fourth read command starts
after the refresh of the F3 index and this generates a disconnect in the data read. The
OVRN flag advises the user that this event has taken place. In this example, three correct
samples have been read, the number of correctly recovered samples is dependent on the
difference between the current ODR and the FIFO sample set read timeframe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com