Electronic Components Datasheet Search
  English  ▼

X  

AN4504 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN4504
Description  This document is intended to provide usage information
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4504 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN4504 Datasheet HTML 32Page - STMicroelectronics AN4504 Datasheet HTML 33Page - STMicroelectronics AN4504 Datasheet HTML 34Page - STMicroelectronics AN4504 Datasheet HTML 35Page - STMicroelectronics AN4504 Datasheet HTML 36Page - STMicroelectronics AN4504 Datasheet HTML 37Page - STMicroelectronics AN4504 Datasheet HTML 38Page - STMicroelectronics AN4504 Datasheet HTML 39Page - STMicroelectronics AN4504 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
First-in first-out (FIFO) buffer
AN4504
36/41
DocID026419 Rev 1
Figure 19. Stream-to-FIFO mode: interrupt latched
Stream-to-FIFO can be used in order to analyze the history of the samples that generated
an interrupt; the standard operation is to read FIFO content when the FIFO mode is
triggered and the FIFO buffer is full and stopped.
6.3.5
Bypass-to-Stream mode
This mode is a combination of the Bypass and Stream modes previously described. In
Bypass-to-Stream mode, the FIFO buffer starts operating in Bypass mode and switches to
Stream mode when the selected interrupt occurs.
Follow these steps for Bypass-to-Stream mode configuration:
1.
Configure desired interrupt generator using register INT1_CFG (0x30).
2.
Turn on FIFO by setting the FIFO_EN bit to “1” in control register 5 (0x24). After this
operation the FIFO buffer is enabled but isn’t collecting data, output registers are
frozen to the last sample set loaded.
3.
Activate Bypass-to-stream Mode by setting the FM[2:0] field to “100” in the FIFO
control register (0x2E).
The interrupt trigger is related to the IA bit in the INT1_SRC register and it is generated even
if the interrupt signal is not driven to an interrupt pad. Bypass-to-stream mode is sensitive to
the trigger level and not to the trigger edge which means that if Bypass-to-Stream is in
Stream mode and the interrupt condition disappears, the FIFO buffer returns to Bypass
mode because the IA bit becomes zero.
It is recommended to latch the interrupt signal used as the stream trigger in order to avoid
losing interrupt events. If the selected interrupt is latched, register INT1_SRC must be read
to clear the IA bit; after the read, the IA bit takes 2*ODR to go low.
In Stream mode the FIFO buffer continues filling. When the buffer is full, the OVRN bit is set
high and the next samples overwrite the oldest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com