Electronic Components Datasheet Search
  English  ▼

X  

AN4505 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4505
Description  This document is intended to provide usage information
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4505 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4505 Datasheet HTML 8Page - STMicroelectronics AN4505 Datasheet HTML 9Page - STMicroelectronics AN4505 Datasheet HTML 10Page - STMicroelectronics AN4505 Datasheet HTML 11Page - STMicroelectronics AN4505 Datasheet HTML 12Page - STMicroelectronics AN4505 Datasheet HTML 13Page - STMicroelectronics AN4505 Datasheet HTML 14Page - STMicroelectronics AN4505 Datasheet HTML 15Page - STMicroelectronics AN4505 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Reading angular rate data
AN4505
12/43
DocID026441 Rev 1
3.5
Level-sensitive/edge-sensitive data enable (DEN)
The L3GD20 allows external trigger level recognition by enabling the EXTRen (bit 7) and
LVLen (bit 6) bits in RESERVED (11h). Two different modes can be used: level-sensitive or
edge-sensitive trigger. The DEN input signal is driven on pin 8 (Reserved).
3.5.1
Level-sensitive trigger stamping (LVLen = 1; EXTRen = 0)
Once enabled, the DEN logical value replaces the less significant bit of X, Y and Z data for
the axis selected through the Xen, Yen, Zen bits in CTRL_REG1 (20h) until the DEN logical
value is kept high.
Data are stored inside the FIFO with the internally selected ODR.
Figure 2. Data synchronization: level sensitive
Figure 3. Level-sensitive trigger stamping
Table 6. DEN configurations
EXTRen
LVLen
Function
0
1
Level sensitive
1
0
Edge sensitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com