Electronic Components Datasheet Search
  English  ▼

X  

AN4505 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4505
Description  This document is intended to provide usage information
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4505 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4505 Datasheet HTML 20Page - STMicroelectronics AN4505 Datasheet HTML 21Page - STMicroelectronics AN4505 Datasheet HTML 22Page - STMicroelectronics AN4505 Datasheet HTML 23Page - STMicroelectronics AN4505 Datasheet HTML 24Page - STMicroelectronics AN4505 Datasheet HTML 25Page - STMicroelectronics AN4505 Datasheet HTML 26Page - STMicroelectronics AN4505 Datasheet HTML 27Page - STMicroelectronics AN4505 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Interrupt generation
AN4505
24/43
DocID026441 Rev 1
5.5
Selective axis movement and wake-up interrupts
The L3GD20 interrupts signal can behave as selective axis movement detection and wake-
up. Whenever an interrupt condition is verified, the interrupt signal is generated and by
reading the INT1_SRC register it is possible to understand which condition happened.
The selective axis movement detection signal (SA) and wake-up signal (WU) interrupt
generation block is represented in Figure 12.
The SA or WU interrupt generation is selected through the AND/OR bit in the INT1_CFG
register. If the AND/OR bit is ‘0’, signals coming from comparators for the axis enabled
through the INT1_CFG register are put in logical OR. In this case, interrupt is generated
when at least one of the enabled axes exceeds the threshold written in the module in the
INT1_THS_xH and INT1_THS_xL registers. Otherwise, if the AND/OR bit is ‘1’, signals
coming from comparators enter a “NAND” port. In this case an interrupt signal is generated
only if all the enabled axes are passing the threshold.
The LIR bit of INT1_CFG allows deciding if the interrupt request must be latched or not. If
the LIR bit is ‘0’ (default value), the interrupt signal goes high when the interrupt condition is
satisfied and returns to low immediately if the interrupt condition is no longer verified.
Otherwise, if the LIR bit is ‘1’, whenever an interrupt condition is applied the interrupt signal
remains high even if the condition returns to a non-interrupt status until a read of the
INT1_SRC register is performed.
The ZHIE, ZLIE, YHIE, YLIE, XHIE, and XLIE bits of the INT1_CFG register allow deciding
on which axis the interrupt decision must be performed and on which direction the threshold
must be passed to generate the interrupt request.
Figure 12. No-move, wake-up interrupt generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com