Electronic Components Datasheet Search
  English  ▼

X  

AN4505 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4505
Description  This document is intended to provide usage information
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4505 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4505 Datasheet HTML 13Page - STMicroelectronics AN4505 Datasheet HTML 14Page - STMicroelectronics AN4505 Datasheet HTML 15Page - STMicroelectronics AN4505 Datasheet HTML 16Page - STMicroelectronics AN4505 Datasheet HTML 17Page - STMicroelectronics AN4505 Datasheet HTML 18Page - STMicroelectronics AN4505 Datasheet HTML 19Page - STMicroelectronics AN4505 Datasheet HTML 20Page - STMicroelectronics AN4505 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
DocID026441 Rev 1
17/43
AN4505
Digital filters
43
4.3
High-pass filter
The bandwidth of the high-pass filter depends on the selected ODR and on the settings of
HPCFx bits of CTRL_REG2. The high-pass filter cutoff frequencies (ft) are shown in
Table 13.
Referring to Table 14, three operating modes are possible for the high-pass filter.
Table 12. CTRL_REG2 register
0(1)
1. Value loaded at boot. This value must not be changed
0(1)
HPM1
HPM0
HPCF3
HPCF2
HPCF1
HPCF0
Table 13. High-pass filter cutoff frequency [Hz]
HPCF[3:0]
ODR [Hz]
95
190
380
760
0000
8
15
30
56
0001
4
8
15
30
0010
2
4
8
15
0011
1
2
4
8
0100
0.5
1
2
4
0101
0.2
0.5
1
2
0110
0.1
0.2
0.5
1
0111
0.05
0.1
0.2
0.5
1000
0.02
0.05
0.1
0.2
1001
0.01
0.02
0.05
0.1
Table 14. High-pass filter mode configuration
HPM1
HPM0
High-pass filter mode
0
0
Normal mode (reset by reading the REFERENCE register)
0
1
Reference signal for filtering
1
0
Normal mode (reset by reading the REFERENCE register)
1
1
Autoreset on interrupt event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com