Electronic Components Datasheet Search
  English  ▼

X  

UM1685 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1685
Description  EVAL6480H and EVAL6482H: high power microstepping motor drivers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1685 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1685 Datasheet HTML 1Page - STMicroelectronics UM1685 Datasheet HTML 2Page - STMicroelectronics UM1685 Datasheet HTML 3Page - STMicroelectronics UM1685 Datasheet HTML 4Page - STMicroelectronics UM1685 Datasheet HTML 5Page - STMicroelectronics UM1685 Datasheet HTML 6Page - STMicroelectronics UM1685 Datasheet HTML 7Page - STMicroelectronics UM1685 Datasheet HTML 8Page - STMicroelectronics UM1685 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
April 2015
DocID025458 Rev 2
1/31
31
UM1685
User manual
EVAL6480H and EVAL6482H: high power microstepping motor
drivers
Introduction
The EVAL6480H and EVAL6482H are two demonstration boards based on L648x devices
implementing a complete stepper motor driver for high power applications. They are
designed to operate with a supply voltage ranging from 10.5 V to 85 V and mount eight
STD25NF10 MOSFETs with a maximum current of 25 A r.m.s..
In combination with the STEVAL-PCC009V2 demonstration board and the SPINFamily
evaluation tool, the boards provide a complete and easy to use evaluation environment
allowing the user to investigate all the features of the L648x devices. Both the boards
support the daisy chain configuration making them suitable for the evaluation of the devices
in multi motor applications.
www.st.com


Similar Part No. - UM1685

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1688 STMICROELECTRONICS-UM1688 Datasheet
5Mb / 41P
In combination with the STEVAL-PCC009V2 demonstration
16-Apr-2015
More results

Similar Description - UM1685

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
logo
KEC(Korea Electronics)
KTA1544T KEC-KTA1544T Datasheet
83Kb / 3P
RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS AND STROBES APPLICATION.
logo
Shindengen Electric Mfg...
MTD2038G SHINDENGEN-MTD2038G Datasheet
111Kb / 6P
DMOS Microstepping PWM Motor Driver
logo
STMicroelectronics
EVAL6482H STMICROELECTRONICS-EVAL6482H Datasheet
522Kb / 12P
High power microstepping motor driver with the L6482H
30-Oct-2012
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
High-side Power Switch for Motor, Solenoid and Lamp Drivers
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
UM1756 STMICROELECTRONICS-UM1756 Datasheet
11Mb / 49P
The EVAL6480H-DISC and EVAL6482H-DISC are low cost development tools based
09-Mar-2015
AN3208 STMICROELECTRONICS-AN3208 Datasheet
289Kb / 19P
Microstepping motor drive with STM8A and STM8S microcontrollers
06-Jul-2010
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
motor controllers and drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com