Electronic Components Datasheet Search
  English  ▼

X  

UM1685 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1685
Description  EVAL6480H and EVAL6482H: high power microstepping motor drivers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1685 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1685 Datasheet HTML 6Page - STMicroelectronics UM1685 Datasheet HTML 7Page - STMicroelectronics UM1685 Datasheet HTML 8Page - STMicroelectronics UM1685 Datasheet HTML 9Page - STMicroelectronics UM1685 Datasheet HTML 10Page - STMicroelectronics UM1685 Datasheet HTML 11Page - STMicroelectronics UM1685 Datasheet HTML 12Page - STMicroelectronics UM1685 Datasheet HTML 13Page - STMicroelectronics UM1685 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Boards description
UM1685
10/31
DocID025458 Rev 2
Table 5. EVAL6480H - bill of material
Item Quantity
Reference
Value
Package
19
VS, VREG, VDD, VCC,
STCK, STBY, FLAG,
BUSY, ADCIN
TPTH-RING-1MM (red)
TPTH-RING-1MM
2
2
C1,C7
470 nF/25 V
CAPC-0603
3
1
C2
220 nF/100 V
CAPC-0805
4
1
C3
100 nF/6.3 V
CAPC-0603
5
1
C4
100 nF/4 V
CAPC-0603
6
1
C5
22 µF/6.3 V
CAPC-1206
7
1
C6
100 nF/25 V
CAPC-0603
8
1
C8
100 nF/100 V
CAPC-0603
9
1
C9
47 nF/100 V
CAPC-0805
10
2
C10, C13
10 nF/6.3 V
CAPC-0603
11
1
C11
220 µF/100 V
CAPES-R18H17
12
1
C11A
220 µF/100 V
CAPE-R16H21-P75
13
1
C12
100 pF/6.3 V
CAPC-0603
14
1
DL1
LED amber
LEDC-0805
15
1
DL2
LED red
LEDC-0805
16
1
D1
BAV99
SOT-23
17
1
D2
BZX585-B3V3
SOD523
18
1
D3
BZX585-B3V6
SOD523
19
1
GND
TPTH-RING-1MM (black)
TPTH-RING-1MM
20
5
JP1, JP3, JP5, JP7, JP8
Jumper CLOSED
JP2SO
21
3
JP2, JP4, JP6
Jumper OPEN
JP2SO
22
2
J1, J2
N. M.
STRIP254P-M-2
23
1
J3
Pol. IDC male header vertical
10 poles (black)
CON-FLAT-5X2-180M
24
1
J4
Pol. IDC male header vertical
10 poles (gray)
CON-FLAT-5X2-180M
25
3
J5, J7, J8
Screw connector 2 poles
MORSV-508-2P
26
1
J6
N. M.
STRIP254P-M-4
27
8
Q1, Q2, Q3, Q4, Q5, Q6,
Q7, Q8
STD25NF10
DPAK
28
1
R1
100
RESC-0603
29
2
R2, R3
39 k
RESC-0603
30
2
R4, R5
470
RESC-0603
31
2
R6, R7
100 k
/ 0.125 W
RESC-0603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com