Electronic Components Datasheet Search
  English  ▼

X  

UM1688 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1688
Description  In combination with the STEVAL-PCC009V2 demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1688 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1688 Datasheet HTML 5Page - STMicroelectronics UM1688 Datasheet HTML 6Page - STMicroelectronics UM1688 Datasheet HTML 7Page - STMicroelectronics UM1688 Datasheet HTML 8Page - STMicroelectronics UM1688 Datasheet HTML 9Page - STMicroelectronics UM1688 Datasheet HTML 10Page - STMicroelectronics UM1688 Datasheet HTML 11Page - STMicroelectronics UM1688 Datasheet HTML 12Page - STMicroelectronics UM1688 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
DocID025471 Rev 2
9/41
UM1688
Boards description
41
Table 5. EVAL6470H - bill of material
Item
Quantity
Reference
Value
Package
1
1
C1
220 nF/16 V
CAPC-0603
2
2
C2,C4
100 nF/6.3 V
CAPC-0603
3
1
C3
10 µF/6.3 V
CAPC-3216
4
1
C5
47 µF/6.3 V
CAPC-3216
5
1
C6
10 nF/50 V
CAPC-0603
6
4
C7, C8, C15, C16
100 nF/50 V
CAPC-0603
7
1
C9A
100 µF/63 V
CAPE-R8H12-P35
8
1
C9
100 µF/63 V
CAPES-R10HXX
9
3
C10, C11, C12
100 pF/6.3 V
CAPC-0603
10
1
C13
3.3 nF/6.3 V
CAPC-0603
11
1
C14
10 nF/6.3 V
CAPC-0603
12
1
DL1
LED diode (red)
LEDC-0805
13
1
DL2
LED diode (amber)
LEDC-0805
14
1
D1
BAV99
SOT23
15
1
D2
BZX585-B3V6(1)
SOD523
16
1
JP1
Jumper - OPEN
JP2SO
17
2
JP2, JP3
Jumper - CLOSED
JP2SO
18
3
J1, J5, J6
Screw connector 2 poles
MORSV-508-2P
19
2
J2,J3
Pol. IDC male header vertical 10
poles
CON-FLAT-5X2-180M
20
2
J4,J7
N.M.
STRIP254P-M-2
21
1
R1
31.6 k
RESC-0603
22
1
R2
200 k
TRIMM-100X50X110-
64W
23
1
R3
8.2 k
RESC-0603
24
3
R4, R5, R6
39 k
RESC-0603
25
2
R7, R9
470
RESC-0603
26
1
R8
100
RESC-0603
27
8
TP1, TP2, TP3, TP4, TP5,
TP6, TP7, TP8
Test point
TH
28
1
U1
 L6470
HTSSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com