Electronic Components Datasheet Search
  English  ▼

X  

UM1688 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM1688
Description  In combination with the STEVAL-PCC009V2 demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1688 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM1688 Datasheet HTML 26Page - STMicroelectronics UM1688 Datasheet HTML 27Page - STMicroelectronics UM1688 Datasheet HTML 28Page - STMicroelectronics UM1688 Datasheet HTML 29Page - STMicroelectronics UM1688 Datasheet HTML 30Page - STMicroelectronics UM1688 Datasheet HTML 31Page - STMicroelectronics UM1688 Datasheet HTML 32Page - STMicroelectronics UM1688 Datasheet HTML 33Page - STMicroelectronics UM1688 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Boards description
UM1688
30/41
DocID025471 Rev 2
Table 18. EVAL6472PD - master SPI connector pinout (J10)
Pin number
Type
Description
1
Open drain output
L6472 BUSY output
2
Open drain output
L6472 FLAG output
3
Ground
Ground
4
Supply
EXT_VDD (can be used as external logic power supply)
5
Digital output
SPI master IN slave OUT signal (connected to L6472 SDO output
through daisy chain termination jumper JP2)
6
Digital input
SPI serial clock signal (connected to L6472 CK input)
7
Digital input
SPI master OUT slave IN signal (connected to L6472 SDI input)
8
Digital input
SPI slave select signal (connected to L6472 CS input)
9
Digital input
L6472 step-clock input
10
Digital input
L6472 standby/reset input
Table 19. EVAL6472PD - slave SPI connector pinout (J11)
Pin number
Type
Description
1
Open drain output
L6472 BUSY output
2
Open drain output
L6472 FLAG output
3
Ground
Ground
4
Supply
EXT_VDD (can be used as external logic power supply)
5
Digital output
SPI master IN slave OUT signal (connected to pin 5 of J10)
6
Digital input
SPI serial clock signal (connected to L6472 CK input)
7
Digital input
SPI master OUT slave IN signal (connected to L6472 SDO output)
8
Digital input
SPI slave select signal (connected to L6472 CS input)
9
Digital input
L6472 step-clock input
10
Digital input
L6472 standby/reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com