Electronic Components Datasheet Search
  English  ▼

X  

UPD4711BGS Datasheet(PDF) 4 Page - NEC

Part # UPD4711BGS
Description  RS-232 LINE DRIVER/RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4711BGS Datasheet(HTML) 4 Page - NEC

  UPD4711BGS Datasheet HTML 1Page - NEC UPD4711BGS Datasheet HTML 2Page - NEC UPD4711BGS Datasheet HTML 3Page - NEC UPD4711BGS Datasheet HTML 4Page - NEC UPD4711BGS Datasheet HTML 5Page - NEC UPD4711BGS Datasheet HTML 6Page - NEC UPD4711BGS Datasheet HTML 7Page - NEC UPD4711BGS Datasheet HTML 8Page - NEC UPD4711BGS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPD4711B
4
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Parameter
Symbol
Ratings
Unit
Supply voltage
VCC
–0.5 to +6.0
V
Driver input voltage
DIN
–0.5 to VCC +0.5
V
Receiver input voltage
RIN
–30.0 to +30.0
V
Driver output voltage
DOUT
–25.0 to +25.0Note 1
V
Receiver output voltage
ROUT
–0.5 to VCC + 0.5
V
Receiver input current
IIN
±60.0
mA
Operating temperature range
TA
–40 to +85
˚ C
Storage temperature range
Tstg
–55 to +150
˚ C
Power dissipation
PT
0.5
W
Note 1. Pulse width: 1 ms, duty factor: 10 % MAX.
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
Receiver input voltage
RIN
–30
+30
V
Operating temperature range
TA
–20
80
˚ C
External capacitance
Note 2
1.0
22
47
µF
Note 2.
The capacitance of an electrolytic capacitor decreases at a low temperature (0 ˚C or lower). Determine
the capacitance of the capacitor to be used taking this into consideration when the
µPD4711B is used at
a low temperature. Keep the wiring length between the capacitor and IC as short as possible.
ELECTRICAL CHARACTERISTICS (OVERALL)
(Unless otherwise specified, VCC = +5 V
±10 %, TA = –20 ˚C to +80 ˚C, C1 to C4 = 22
µF)
MIN.
TYP.
MAX.
Unit
4.5
9.0
mA
15.0
25.0
mA
50
120
µA
0.8
V
2.0
V
10
pF
Conditions
VCC = +5 V, no load, RIN pin open
(Standby pin open)
VCC = +5 V, RL = 3 k
Ω (DOUT), DIN = GND,
RIN and ROUT pins open
(Standby pin open)
VCC = +5 V, no load, RIN pin open
(Standby pin high)
Note 3
Driver input and receiver input
VCC = +5 V, vs. GND, f = 1 MHz
Symbol
ICC1
ICC2
ICC
(Standby)
VIL
(Standby)
VIH
(Standby)
CIN
Parameter
Circuit current
Circuit current
Standby circuit current
Standby low-level
input voltage
Standby high-level
input voltage
Input capacitance
*
TYP.: Typical (reference) value at TA = 25 ˚C.
Note 3.
Because the standby pin is internally pulled down, if the standby pin is left open, operating mode is in effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com