Electronic Components Datasheet Search
  English  ▼

X  

UPD4711BGS Datasheet(PDF) 6 Page - NEC

Part # UPD4711BGS
Description  RS-232 LINE DRIVER/RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4711BGS Datasheet(HTML) 6 Page - NEC

Back Button UPD4711BGS Datasheet HTML 2Page - NEC UPD4711BGS Datasheet HTML 3Page - NEC UPD4711BGS Datasheet HTML 4Page - NEC UPD4711BGS Datasheet HTML 5Page - NEC UPD4711BGS Datasheet HTML 6Page - NEC UPD4711BGS Datasheet HTML 7Page - NEC UPD4711BGS Datasheet HTML 8Page - NEC UPD4711BGS Datasheet HTML 9Page - NEC UPD4711BGS Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
µPD4711B
6
Note 5.
Test Point
+5 V
–5 V
High impedance
5 V
0 V
VOH
VOL
Standby input
Driver output
1.5 V
1.5 V
tDAZ
tDZA
+5 V
–5 V
Do not perform communication within the standby output transition time tDZA on power application or on releasing
the standby mode.
ELECTRICAL CHARACTERISTICS (RECEIVER)
(Unless otherwise specified, VCC = +5 V
± 10 %, TA = –20 ˚C to +80 ˚C, C1 to C4 = 22
µF)
Parameter
Low-level output voltage
High-level output voltage
Low-level input voltage
High-level input voltage
Propagation delay timeNote 6
Input current
Input resistance
Input pin release voltage
Input threshold A mode
(RCON pin low)
Input threshold B mode
(RCON pin high)
Standby output transition time
Standby output transition time
Conditions
MIN.
TYP.
MAX.
IOUT = 4 mA
0.4
IOUT = –4 mA
VCC
–0.8
RCON pin
0.8
RCON pin
2.0
RL = 1 k
Ω, CL = 150 pF
0.13
VIN =
±5 V
1
VIN =
±3 to ±25
357
Input threshold A mode only
0.5
VCC = +5 V
1.6
2.2
2.6
VCC = +5 V
0.6
1
1.6
VCC = +5 V (hysteresis width)
0.5
1.2
1.8
VCC = +5 V
1.6
2.2
2.6
VCC = +5 V
–0.4
–1.8
–3.0
VCC = +5 V (hysteresis width)
2.6
4.0
5.4
Note 7
0.4
1
Note 7
0.03
10
Symbol
VOL
VOH
VIL
VIH
tPHL
tPLH
IIN
RI
VIO
VIH
VIL
VH
VIH
VIL
VH
tDAZ
tDZA
Unit
V
V
V
V
µs
mA
k
Ω
V
V
V
V
V
V
V
µs
ms
* TYP.: Typical (reference) value at TA = 25 ˚C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com