Electronic Components Datasheet Search
  English  ▼

X  

UPD4711BGS Datasheet(PDF) 11 Page - NEC

Part # UPD4711BGS
Description  RS-232 LINE DRIVER/RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4711BGS Datasheet(HTML) 11 Page - NEC

Back Button UPD4711BGS Datasheet HTML 4Page - NEC UPD4711BGS Datasheet HTML 5Page - NEC UPD4711BGS Datasheet HTML 6Page - NEC UPD4711BGS Datasheet HTML 7Page - NEC UPD4711BGS Datasheet HTML 8Page - NEC UPD4711BGS Datasheet HTML 9Page - NEC UPD4711BGS Datasheet HTML 10Page - NEC UPD4711BGS Datasheet HTML 11Page - NEC UPD4711BGS Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
µPD4711B
11
Soldering Condition
Package peak temperature: 235 ˚C, Time: 30 seconds MAX.
(210 ˚C MIN.), Number of times: 2, Number of days: not limited*
Package peak temperature: 215 ˚C, Time: 40 seconds MAX.
(200 ˚C MIN.), Number of times: 2, Number of days: not limited*
Soldering bath temperature: 260 ˚C MAX., Time: 10 seconds
MAX., Number of times: 1, Number of days: not limited*
Pin temperature: 300 ˚C MAX (lead temperature), Time: 3
seconds MAX. (per lead pin), Number of days: not
limited*
RECOMMENDED SOLDERING CONDITIONS
Soldering the
µPD4711B under the conditions listed in the table below is recommended.
For soldering methods and conditions other than those recommended, consult NEC.
Surface mount type
For the details of the recommended soldering conditions of the surface mount type, refer to Information
document “Semiconductor Device Mounting Technology Manual” C10535EJ7V0IF00.
µ PD4711BGS
Recommended Condition Symbol
IR35-00-2
VP15-00-2
WS60-00-1
* The number of days the device can be stored at 25 ˚C, 65 % RH MAX. after the dry pack has been opened.
Caution Do not use two or more soldering methods in combination (except the pin partial heating method).
Throught-hole type
µ PD4711BCX
Soldering Method
Soldering Conditions
Wave soldering
Soldering bath temperature: 260 ˚C MAX., Time: 10 seconds MAX.
Reference documents
“NEC Semiconductor Device Reliability/Quality Control System” (IEI-1212)
“Quality Grade on NEC Semiconductor Devices” (IEI-1209)
“Semiconductor Device Mounting Technology Manual” C10535EJ7V0IF00
Soldering Method
Infrared reflow
VPS
Wave soldering
Pin partial heating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com