Electronic Components Datasheet Search
  English  ▼

X  

LT1270 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1270
Description  8A and 10A High Efficiency Switching Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1270 Datasheet(HTML) 1 Page - Linear Technology

  LT1270 Datasheet HTML 1Page - Linear Technology LT1270 Datasheet HTML 2Page - Linear Technology LT1270 Datasheet HTML 3Page - Linear Technology LT1270 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
LT1270A/LT1270
1270afc
DESCRIPTIO
TYPICAL APPLICATIO
APPLICATIO S
FEATURES
8A and 10A High Efficiency
Switching Regulators
s
Wide Input Voltage Range: 3.5V to 30V
s
Low Quiescent Current: 7mA
s
Internal 8A Switch (10A for LT1270A)
s
Very Few External Parts Required
s
Self-Protected Against Overloads
s
Shutdown Mode Draws Only 100
µA Supply Current
s
Flyback-Regulated Mode Has Fully Floating Outputs
s
Can be Externally Synchronized
(See LT1072 Data Sheet)
s
Comes in Standard 5-Pin TO-220 Package
The LT1270A/LT1270 are monolithic high power switch-
ing regulators. Identical to the popular LT1070, except for
switching frequency (60kHz) and higher switch current,
they can be operated in all standard switching configura-
tions including buck, boost, flyback, and inverting. A high
current, high efficiency switch is included on the die along
with all oscillator, control, and protection circuitry. Inte-
gration of all functions allows the LT1270A/LT1270 to be
built in a standard TO-220 power package. This makes it
extremely easy to use and provides “bust proof” operation
similar to that obtained with 3-pin linear regulators.
The LT1270A/LT1270 operate with supply voltages from
3.5V to 30V, and draw only 7mA quiescent current. By
utilizing current-mode switching techniques, they provide
excellent AC and DC load and line regulation.
The LT1270A/LT1270 use adaptive anti-sat switch drive to
allow very wide ranging load currents with no loss in
efficiency. An externally activated shutdown mode re-
duces total supply current to 100
µA typical for standby
operation.
s
High Efficiency Buck Converter
s
PC Power Supply with Multiple Outputs
s
Battery Upconverter
s
Negative-to-Positive Converter
USER NOTE:
This data sheet is only intended to provide specifications, graphs and a general functional
description of the LT1270A/LT1270. Application circuits are included to show the capability of the
LT1270A/LT1270. A complete design manual (AN-19) should be obtained to assist in developing
new designs. AN-19 contains a comprehensive discussion of both the LT1070 and the external
components used with it, as well as complete formulas for calculating the values of these
components. AN-19 can also be used for the LT1270A/LT1270 by factoring in the higher switch
current rating and higher operating frequency.
A comprehensive CAD program called SwitcherCad is also available. Contact the local sales office
in your area or the factory direct.
VSW
VIN
FB
VC
GND
MBR1035*
LT1270*
0.047
µF
1k
0.047
µF
1
µF
35
µH, 8A*
ANODE
LT1431CZ
CATHODE
REF
1N4158
9.1k
10k
+
470
µF
35V
VIN
(8V TO 25V)
2N3904
360
Ω
560
Ω
1000
µF
25V
5V*
5A
+
† EFFICIENCY IS
≈ 88% @ 2A, 86% @ 5A.
FOR
µPOWER SHUTDOWN OPTION, CONSULT FACTORY.
*THESE COMPONENTS RATED CONSERVATIVELY TO
IMPROVE EFFICIENCY. MAXIMUM OUTPUT CURRENT
CAN BE 7A. FOR HIGH EFFICIENCY, THE INDUCTOR SHOULD
BE MOLYPERMALLOY OR FERRITE.
LT1270 • TA01
1N5819
High Efficiency
† Buck Converter
Maximum Output Power*
INPUT VOLTAGE (V)
0
0
20
40
60
5
10
15
20
LT1270 • TA02
25
80
100
30
BOOST
FLYBACK
†
BUCK-BOOST, VO = 5V
(INVERTING)
BUCK-BOOST,
VO = 12V
(INVERTING)
*MULTIPLY BY 1.2 FOR LT1270A.
BUCK MODE OUTPUT POWER
≈ (7.5A)(VOUT)
† TRANSFORMER TURNS RATIO MUST BE
OPTIMUM TO ACHIEVE FULL POWER


Similar Part No. - LT1270

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1270 LINER-LT1270 Datasheet
179Kb / 4P
8A and 10A High Efficiency Switching Regulators
LT1270A LINER-LT1270A Datasheet
179Kb / 4P
8A and 10A High Efficiency Switching Regulators
LT1270A LINER-LT1270A Datasheet
136Kb / 4P
8A and 10A High Efficiency Switching Regulators
LT1270AC LINER-LT1270AC Datasheet
179Kb / 4P
8A and 10A High Efficiency Switching Regulators
LT1270ACT LINER-LT1270ACT Datasheet
179Kb / 4P
8A and 10A High Efficiency Switching Regulators
More results

Similar Description - LT1270

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1270A LINER-LT1270A Datasheet
179Kb / 4P
8A and 10A High Efficiency Switching Regulators
LT1372 LINER-LT1372 Datasheet
274Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1070 LINER-LT1070_1 Datasheet
212Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1270A LINER-LT1270A_15 Datasheet
136Kb / 4P
8A and 10A High Efficiency Switching Regulators
LT1271 LINER-LT1271_15 Datasheet
203Kb / 8P
4A High Efficiency Switching Regulators
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1372 LINER-LT1372_15 Datasheet
204Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1377 LINER-LT1377_15 Datasheet
204Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com