Electronic Components Datasheet Search
  English  ▼

X  

LT1270 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1270
Description  8A and 10A High Efficiency Switching Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1270 Datasheet(HTML) 4 Page - Linear Technology

  LT1270 Datasheet HTML 1Page - Linear Technology LT1270 Datasheet HTML 2Page - Linear Technology LT1270 Datasheet HTML 3Page - Linear Technology LT1270 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
LT1270A/LT1270
1270afc
PART NUMBER
DESCRIPTION
COMMENTS
LT1074/HV
4.4A (IOUT), 100kHz, High Efficiency Step-Down
VIN: 7.3V to 45/64V, VOUT (min) = 2.21V, IQ = 8.5mA, ISD = 10µA,
DC/DC Converter
DD-5/7, TO220-5/7
LTC3414
4A (IOUT), 4MHz, Synchronous Step-Down
VIN: 2.3V to 5.5V, VOUT (min) = 0.8V, IQ = 64µA, ISD <1µA,
DC/DC Converter
TSSOP20E
LT3430/LT3431
60V, 2.75A (IOUT), 200/500kHz, High Efficiency
VIN: 5.5V to 60V, VOUT (min) = 1.2V, IQ = 2.5mA, ISD = 30µA,
Step-Down DC/DC Converter
TSSOP16E
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1992
LT/TP 1203 1K REV C • PRINTED IN USA
RELATED PARTS
PACKAGE DESCRIPTIO
T5 (TO-220) 0801
.028 – .038
(0.711 – 0.965)
.067
(1.70)
.135 – .165
(3.429 – 4.191)
.700 – .728
(17.78 – 18.491)
.045 – .055
(1.143 – 1.397)
.095 – .115
(2.413 – 2.921)
.013 – .023
(0.330 – 0.584)
.620
(15.75)
TYP
.155 – .195*
(3.937 – 4.953)
.152 – .202
(3.861 – 5.131)
.260 – .320
(6.60 – 8.13)
.165 – .180
(4.191 – 4.572)
.147 – .155
(3.734 – 3.937)
DIA
.390 – .415
(9.906 – 10.541)
.330 – .370
(8.382 – 9.398)
.460 – .500
(11.684 – 12.700)
.570 – .620
(14.478 – 15.748)
.230 – .270
(5.842 – 6.858)
BSC
SEATING PLANE
* MEASURED AT THE SEATING PLANE
T Package
5-Lead Plastic TO-220 (Standard)
(Reference LTC DWG # 05-08-1421)
TYPICAL APPLICATIO S
R3
VIN
VSW
FB
VC
GND
LT1270
L1
100
µH**
C1
R2
1.24k
*REQUIRED IF INPUT LEADS
≥ 2"
**PULSE ENGINEERING #PE-92115
LT1270 • TA07
C3
100
µF*
–5.2V, 7.5A
VIN
–20V
OPTIONAL
INPUT FILTER
C2
1000
µF
D1
R1
4.64k
LOAD
12k
L3
10
µH
+
C4
200
µF
OPTIONAL
OUTPUT
FILTER
L2
4
µF
+
+
Negative Buck Converter
Negative-to-Positive Buck-Boost Converter
R3
2.2k
VIN
VSW
FB
VC
GND
LT1270
L1
55
µH**
C1
0.22
µF
1.24k
*REQUIRED IF INPUT LEADS
≥ 2"
**PULSE ENGINEERING #PE-92116
LT1270 • TA06
+
C2
2000
µF
D1
R1
11.3k
+
C4
200
µF*
VOUT
12V, 3A
L2
C3
OPTIONAL
OUTPUT
FILTER
VIN
–12V
OPTIONAL
INPUT
FILTER
L3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com