Electronic Components Datasheet Search
  English  ▼

X  

LT1270 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1270
Description  8A and 10A High Efficiency Switching Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1270 Datasheet(HTML) 3 Page - Linear Technology

  LT1270 Datasheet HTML 1Page - Linear Technology LT1270 Datasheet HTML 2Page - Linear Technology LT1270 Datasheet HTML 3Page - Linear Technology LT1270 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
LT1270A/LT1270
1270afc
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C. VIN = 15V, VC = 0.5V, VFB = VREF, switch pin open, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILIM
Switch Current Limit (LT1270A)
Duty Cycle = 50%, TJ ≤ 100°C
q
10.0
16.0
A
(Note 4)
Duty Cycle = 80%, TJ ≤ 100°C
q
7.5
14.0
A
∆IIN
Supply Current Increase
25
40
mA/A
∆ISW
During Switch-ON Time
f
Switching Frequency
50
60
70
kHz
q
50
70
kHz
DCMAX
Maximum Switch Duty Cycle
80
92
95
%
Flyback Sense Delay Time
1.5
µs
Shutdown Mode Supply Current
3V
≤ VIN ≤ VMAX, VC = 0.05V
100
400
µA
Shutdown Mode Threshold Voltage
3V
≤ VIN ≤ VMAX
100
150
250
mV
q
50
300
mV
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Measured with VC in Hi Clamp, VFB = 0.8V.
Note 3: For duty cycles (DC) between 50% and 80%, minimum guaranteed
switch current is given by ILIM = 6.67 (1.7 – DC) for the LT1270 and ILIM =
8.33 (1.7 – DC) for the LT1270A.
Note 4: Minimum current limit is reduced by 0.5A at 125
°C. 100°C test
limits are guaranteed by correlation to 125
°C tests.
TYPICAL APPLICATIO S
Boost Converter (5V to 12V)
1k
MBR1020
VIN
VSW
FB
VC
GND
LT1270
10.7k
+
55
µH*
1
µF
1.24k
+
1000
µF
25V
5V
12V, 2A
PULSE ENGINEERING #PE-92116
LT1270 • TA05
TYPICAL PERFOR A CE CHARACTERISTICS
Switch Saturation Voltage
Switch Current Limit vs Duty Cycle
DUTY CYCLE (%)
0
18
24
80
LT1270 • TA03
12
6
0
20
40
60
100
–55
°C
125
°C
25
°C
SWITCH CURRENT (A)
0
1.2
1.6
8
LT1270 • TA04
0.8
0.4
0
2
4
6
10
TJ = 25°C
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However,
no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the
interconnection of circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com