Electronic Components Datasheet Search
  English  ▼

X  

LT1357 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1357
Description  25MHz, 600V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 1 Page - Linear Technology

  LT1357 Datasheet HTML 1Page - Linear Technology LT1357 Datasheet HTML 2Page - Linear Technology LT1357 Datasheet HTML 3Page - Linear Technology LT1357 Datasheet HTML 4Page - Linear Technology LT1357 Datasheet HTML 5Page - Linear Technology LT1357 Datasheet HTML 6Page - Linear Technology LT1357 Datasheet HTML 7Page - Linear Technology LT1357 Datasheet HTML 8Page - Linear Technology LT1357 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1357
25MHz, 600V/
µs Op Amp
TYPICAL APPLICATION
DAC I-to-V Converter
AV = –1 Large-Signal Response
1357 TA02
1357 TA01
0.1
µF5k
6pF
VOUT
5k
565A-TYPE
DAC
INPUTS
12
–
+
LT1357
s
25MHz Gain Bandwidth
s
600V/
µs Slew Rate
s
2.5mA Maximum Supply Current
s
Unity-Gain Stable
s
C-Load
TM Op Amp Drives All Capacitive Loads
s
8nV/
√Hz Input Noise Voltage
s
600
µV Maximum Input Offset Voltage
s
500nA Maximum Input Bias Current
s
120nA Maximum Input Offset Current
s
20V/mV Minimum DC Gain, RL=1k
s
115ns Settling Time to 0.1%, 10V Step
s
220ns Settling Time to 0.01%, 10V Step
s
±12V Minimum Output Swing into 500Ω
s
±2.5V Minimum Output Swing into 150Ω
s
Specified at
±2.5V, ±5V, and ±15V
The LT
®1357 is a high speed, very high slew rate opera-
tional amplifier with outstanding AC and DC performance.
The LT1357 has much lower supply current, lower input
offset voltage, lower input bias current, and higher DC gain
than devices with comparable bandwidth. The circuit
topology is a voltage feedback amplifier with the
slewing characteristics of a current feedback amplifier.
The amplifier is a single gain stage with outstanding
settling characteristics which makes the circuit an ideal
choice for data acquisition systems. The output drives a
500
Ω load to ±12V with ±15V supplies and a 150Ω
load to
±2.5V on ±5V supplies. The amplifier is also
stable with any capacitive load which makes it useful in
buffer or cable driver applications.
The LT1357 is a member of a family of fast, high perfor-
mance amplifiers using this unique topology and employ-
ing Linear Technology Corporation’s advanced bipolar
complementary processing. For dual and quad amplifier
versions of the LT1357 see the LT1358/LT1359 data
sheet. For higher bandwidth devices with higher supply
current see the LT1360 through LT1365 data sheets. For
lower supply current amplifiers see the LT1354 and LT1355/
LT1356 data sheets. Singles, duals, and quads of each
amplifier are available.
FEATURES
DESCRIPTION
, LTC and LT are registered trademarks of Linear Technology Corporation.
C-Load is a trademark of Linear Technology Corporation
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Data Acquisition Systems
s
Photodiode Amplifiers
APPLICATIONS
VI
k
V
A
LSB
OS
OS
OUT
VOL
+
()+<
51
Ω


Similar Part No. - LT1357

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
25MHz, 600V/us Op Amp
logo
Linear Integrated Syste...
LT1357 LINEAR-LT1357 Datasheet
453Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LT1357 LINER-LT1357 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LT1357 LINER-LT1357 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT1357

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
25MHz, 600V/us Op Amp
LT1358 LINER-LT1358 Datasheet
259Kb / 12P
Dual and Quad 25MHz, 600V/us Op Amps
logo
AUK corp
S4580 AUK-S4580 Datasheet
358Kb / 5P
Dual OP AMP
logo
Linear Integrated Syste...
LT1359CS14 LINEAR-LT1359CS14 Datasheet
453Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
logo
Analog Devices
AD844 AD-AD844_15 Datasheet
422Kb / 20P
60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Linear Technology
LT1354 LINER-LT1354_15 Datasheet
264Kb / 12P
12MHz, 400V/s Op Amp
LT1360 LINER-LT1360_15 Datasheet
229Kb / 16P
50MHz, 800V/s Op Amp
LT1363 LINER-LT1363_15 Datasheet
219Kb / 12P
70MHz, 1000V/s Op Amp
LT1358 LINER-LT1358_15 Datasheet
483Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
LT1359 LINER-LT1359_15 Datasheet
483Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com