Electronic Components Datasheet Search
  English  ▼

X  

LT1357 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1357
Description  25MHz, 600V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1357 Datasheet HTML 4Page - Linear Technology LT1357 Datasheet HTML 5Page - Linear Technology LT1357 Datasheet HTML 6Page - Linear Technology LT1357 Datasheet HTML 7Page - Linear Technology LT1357 Datasheet HTML 8Page - Linear Technology LT1357 Datasheet HTML 9Page - Linear Technology LT1357 Datasheet HTML 10Page - Linear Technology LT1357 Datasheet HTML 11Page - Linear Technology LT1357 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1357
APPLICATIONS INFORMATION
series with the output. The other end of the cable should
be terminated with the same value resistor to ground.
Input Considerations
Each of the LT1357 inputs is the base of an NPN and
a PNP transistor whose base currents are of opposite
polarity and provide first-order bias current cancellation.
Because of variation in the matching of NPN and PNP
beta, the polarity of the input bias current can be positive
or negative. The offset current does not depend on
NPN/PNP beta matching and is well controlled. The use of
balanced source resistance at each input is recommended
for applications where DC accuracy must be maximized.
The inputs can withstand transient differential input volt-
ages up to 10V without damage and need no clamping or
source resistance for protection. Differential inputs, how-
ever, generate large supply currents (tens of mA) as
required for high slew rates. If the device is used with
sustained differential inputs, the average supply current
will increase, excessive power dissipation will result and
the part may be damaged.
The part should not be used as
a comparator, peak detector or other open-loop applica-
tion with large, sustained differential inputs. Under
normal, closed-loop operation, an increase of power
dissipation is only noticeable in applications with large
slewing outputs and is proportional to the magnitude of
the differential input voltage and the percent of the time
that the inputs are apart. Measure the average supply
current for the application in order to calculate the power
dissipation.
Power Dissipation
The LT1357 combines high speed and large output drive
in a small package. Because of the wide supply voltage
range, it is possible to exceed the maximum junction
temperature under certain conditions. Maximum junction
temperature (TJ) is calculated from the ambient tempera-
ture (TA) and power dissipation (PD) as follows:
LT1357CN8: TJ = TA + (PD • 130°C/W)
LT1357CS8: TJ = TA + (PD • 190°C/W)
Worst-case power dissipation occurs at the maximum
supply current and when the output voltage is at 1/2 of
either supply voltage (or the maximum swing if less than
1/2 supply voltage). Therefore PDMAX is:
PDMAX = (V+ – V–)(ISMAX) + (V+/2)2/RL
Example: LT1357CS8 at 70
°C, VS = ±15V, RL = 120Ω
(Note: the minimum short-circuit current at 70
°C is
25mA, so the output swing is guaranteed only to 3V with
120
Ω.)
PDMAX = (30V • 2.9mA) + (15V–3V)(25mA) = 387mW
TJMAX = 70°C + (387mW • 190°C/W) = 144°C
Circuit Operation
The LT1357 circuit topology is a true voltage feedback
amplifier that has the slewing behavior of a current feed-
back amplifier. The operation of the circuit can be under-
stood by referring to the simplified schematic. The inputs
are buffered by complementary NPN and PNP emitter
followers which drive a 500
Ω resistor. The input voltage
appears across the resistor generating currents which are
mirrored into the high impedance node. Complementary
followers form an output stage which buffers the gain
node from the load. The bandwidth is set by the input
resistor and the capacitance on the high impedance node.
The slew rate is determined by the current available to
charge the gain node capacitance. This current is the
differential input voltage divided by R1, so the slew rate
is proportional to the input. Highest slew rates are there-
fore seen in the lowest gain configurations. For example,
a 10V output step in a gain of 10 has only a 1V input step,
whereas the same output step in unity-gain has a ten times
greater input step. The curve of Slew Rate vs Input Level
illustrates this relationship. The LT1357 is tested for slew
rate in a gain of –2 so higher slew rates can be expected
in gains of 1 and –1, and lower slew rates in higher gain
configurations.
The RC network across the output stage is bootstrapped
when the amplifier is driving a light or moderate load and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com