Electronic Components Datasheet Search
  English  ▼

X  

LT1357 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1357
Description  25MHz, 600V/s Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 5 Page - Linear Technology

  LT1357 Datasheet HTML 1Page - Linear Technology LT1357 Datasheet HTML 2Page - Linear Technology LT1357 Datasheet HTML 3Page - Linear Technology LT1357 Datasheet HTML 4Page - Linear Technology LT1357 Datasheet HTML 5Page - Linear Technology LT1357 Datasheet HTML 6Page - Linear Technology LT1357 Datasheet HTML 7Page - Linear Technology LT1357 Datasheet HTML 8Page - Linear Technology LT1357 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1357
ELECTRICAL CHARACTERISTICS
The q denotes specifications that apply over the full specified temperature
range.
Note 1: Differential inputs of
±10V are appropriate for transient operation
only, such as during slewing. Large, sustained differential inputs will
cause excessive power dissipation and may damage the part. See Input
Considerations in the Applications Information section of this data sheet
for more details.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 3: Slew rate is measured between
±10V on the output with ±6V input
for
±15V supplies and ±1V on the output with ±1.75V input for ±5V supplies.
Note 4: Full power bandwidth is calculated from the slew rate
measurement: FPBW = SR/2
πVP.
Note 5: This parameter is not 100% tested.
Note 6: The LT1357 is designed, characterized and expected to meet these
extended temperature limits, but is not tested at – 40
°C and at 85°C.
Guaranteed I grade parts are available; consult factory.
TYPICAL PERFORMANCE CHARACTERISTICS
Input Common-Mode Range vs
Supply Voltage
Input Bias Current vs
Input Common-Mode Voltage
SUPPLY VOLTAGE (
±V)
0.5
1.5
1.0
3.0
2.5
2.0
10
5
015
20
1357 G01
–55
°C
25
°C
125
°C
INPUT COMMON-MODE VOLTAGE (V)
–200
0
–100
400
300
200
100
–15
–10
0
10
15
5
–5
1357 G03
VS = ±15V
TA = 25°C
IB =
IB
+ + I
B
–
————
2
SUPPLY VOLTAGE (
±V)
V –
2.0
0.5
1.0
1.5
V +
–1.0
– 0.5
–2.0
–1.5
10
5
015
20
1357 G02
TA = 25°C
∆VOS < 1mV
Supply Current vs Supply Voltage
and Temperature
Open-Loop Gain vs
Resistive Load
TEMPERATURE (
°C)
0
150
100
50
450
400
300
350
200
250
– 50
–25
25
100
125
50
75
0
VS = ±15V
IB =
IB
+ + I
B
–
————
2
1358/1359 G04
LOAD RESISTANCE (
Ω)
10
50
60
100
100
10k
1357 G06
80
70
1k
90
VS = ±5V
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
10
1
10
100
0.1
1
10
en
1k
100
100k
10k
1357 G05
VS = ±15V
TA = 25°C
AV = 101
RS = 100k
in
Input Noise Spectral Density
Input Bias Current vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com