Electronic Components Datasheet Search
  English  ▼

X  

AN316 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN316
Description  clamping protection mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN316 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN316 Datasheet HTML 7Page - STMicroelectronics AN316 Datasheet HTML 8Page - STMicroelectronics AN316 Datasheet HTML 9Page - STMicroelectronics AN316 Datasheet HTML 10Page - STMicroelectronics AN316 Datasheet HTML 11Page - STMicroelectronics AN316 Datasheet HTML 12Page - STMicroelectronics AN316 Datasheet HTML 13Page - STMicroelectronics AN316 Datasheet HTML 14Page - STMicroelectronics AN316 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID3567 Rev 4
11/17
AN316
Calculation example
17
5
Calculation example
5.1
Non-repetitive surges
A source (V1) with a rated voltage of 24 V supplies equipment E, which has to be protected
against over voltages. This source is subjected to random non-repetitive exponential over
voltage with amplitude of 200 V and a duration of 1 ms at 50% (standard wave) (see
Figure 10). The equivalent internal impedance Z of the source with respect to 1 ms
exponential waves is 13
Ω.
The maximum ambient temperature is 75 °C. In no circumstances should equipment E be
subjected to a voltage higher than 50 V.
Figure 10. Protected equipment and surge
5.1.1
Selection of the protection voltage
In the absence of specific information, we assume that voltage V1 varies by
± 20%, i.e.
between 20 V and 29 V.
The protection voltage VRM of the Transil should then be greater than or equal to 29 V.
5.1.2
Predetermination of the peak power PP
Equipment E cannot withstand a voltage above 50 V
 V
CL ≤ 50 V.
Assuming that there is a Transil that meets this criterion, an initial calculation of the Transil
power can be made:
t
Vp = 200V
1 ms
V
V1 = 24V
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com