Electronic Components Datasheet Search
  English  ▼

X  

AN316 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN316
Description  clamping protection mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN316 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN316 Datasheet HTML 9Page - STMicroelectronics AN316 Datasheet HTML 10Page - STMicroelectronics AN316 Datasheet HTML 11Page - STMicroelectronics AN316 Datasheet HTML 12Page - STMicroelectronics AN316 Datasheet HTML 13Page - STMicroelectronics AN316 Datasheet HTML 14Page - STMicroelectronics AN316 Datasheet HTML 15Page - STMicroelectronics AN316 Datasheet HTML 16Page - STMicroelectronics AN316 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Calculation example
AN316
14/17
DocID3567 Rev 4
Figure 11. Transistor protection
Experience shows that this hypothesis is confirmed in most cases with a Transil. Therefore
the Transil should be initially selected according to its thermal characteristics.
PAV
An approximate value can be obtained by supposing that the Transil absorbs the energy
contained in the inductance. This hypothesis is close to reality when the ratio:
is significant.
Equation 11:
5.2.2
First choice
We choose ST product type SMCJ70A.
Equation 12
With VBRmax = 1.1 x VBRmin= 85.58V.
T
Repetitive f = 50Hz
Tamb Max = 50°C
R = 45W
L = 0.35H
12V ± 20%
V
V
V
BR
W
W
I
L
9
.
0
)
(
50
45
4
.
2
12
35
.
0
2
1
2
1
2
2
=
×
⎥
⎦
⎤
⎢
⎣
⎡ +
×
=
×
=
P
AV
ƒ
××
×
C
W
C
V
°
×
°
=
=
-
/
10
5
.
10
/
75
58
.
85
4
T
=
α
R
th
V
BRmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com