Electronic Components Datasheet Search
  English  ▼

X  

AN316 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN316
Description  clamping protection mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN316 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN316 Datasheet HTML 8Page - STMicroelectronics AN316 Datasheet HTML 9Page - STMicroelectronics AN316 Datasheet HTML 10Page - STMicroelectronics AN316 Datasheet HTML 11Page - STMicroelectronics AN316 Datasheet HTML 12Page - STMicroelectronics AN316 Datasheet HTML 13Page - STMicroelectronics AN316 Datasheet HTML 14Page - STMicroelectronics AN316 Datasheet HTML 15Page - STMicroelectronics AN316 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Calculation example
AN316
12/17
DocID3567 Rev 4
Equation 5
This power corresponds to an operating temperature of 75 °C. The data sheets indicate the
power at 25 °C, so we have to correct the power according to the curves of admissible
power versus initial temperature (see Figure 4).
Equation 6:Thus we obtain
5.1.3
Selection of the Transil
We can now establish an initial specification of the Transil to use.
Equation 7:
The ST product type corresponding to these characteristics is the SMCJ30A.
Equation 8:
5.1.4
Determination of the clamping voltage VCL
To determine the voltage VCL at 11.5 A, let us use the IPP/VCL parameters included in the
SMCJ30A datasheet.
A
V
V
I
Z
where
I
V
P
P
CL
P
5
.
11
13
50
200
=
Ω
-
+
=
-
=
=
I
P
V
P
VV
CL
V
P
W
A
V
575
5
.
11
50
=
·
=
P
P
P
P
P
P
×
W
W
C
C
PP
C
P
P
719
8
.
0
575
)
25
(
8
.
0
)
75
(
)
25
(
=
=
°
°
=
°
P
P
P
P
V
RM
29 V
V
RM
50 V for I
P
= 11.5 A
P
P
(25°C) = 719 W /1ms
≥
≤
C
ms
W
P
A
I
V
V
V
V
V
V
T
P
PP
CL
BR
RM
°
=
=
=
=
=
=
-
/
10
9
.
9
1
/
1500
32
;
4
.
48
max
3
.
33
min
30
4
α
V
CL max
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com