Electronic Components Datasheet Search
  English  ▼

X  

AN2482 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2482
Description  The purpose of this document
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2482 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2482 Datasheet HTML 8Page - STMicroelectronics AN2482 Datasheet HTML 9Page - STMicroelectronics AN2482 Datasheet HTML 10Page - STMicroelectronics AN2482 Datasheet HTML 11Page - STMicroelectronics AN2482 Datasheet HTML 12Page - STMicroelectronics AN2482 Datasheet HTML 13Page - STMicroelectronics AN2482 Datasheet HTML 14Page - STMicroelectronics AN2482 Datasheet HTML 15Page - STMicroelectronics AN2482 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Electromagnetic compatibility (EMC) requirements
AN2482
12/18
4
Electromagnetic compatibility (EMC) requirements
The input and supply pins are designed to withstand electromagnetic interferences. They
are protected by a clamping diode that is connected to the COMP common pin. Combined
with the serial input resistance RI, this clamping diode is effective against the fast transient
bursts (±4 kV, IEC 61000-4-4) and the voltage surges (±1kV, IEC 61000-4-5).
EMC test procedures are fully described in AN1608 CLT3-4BT6 application note. Refer to it
to get detailed information. It covers IEC 61000-4.2 standard for ESD tests, IEC 61000-4.4
standard for fast transient burst tests, IEC 61000-4.5 standard for surge tests,
IEC 61000-4-6 standard for conducted disturbance tests.
IEC 61131-2 standard for programmable controllers specifies (see section 7.3.3 of the
standards document) a low profile requirement for digital inputs with:
●
High energy Surge = 0.5 kV
●
Fast Transient Burst = 1 kV
●
Electrostatic Discharge = 4 kV
●
Radio Frequency Interference = 3 Vrms.
But designers are requiring now improved robustness levels:
●
4 kV EFT burst;
●
500 V at least in surge
●
ESD 15 kV air
●
10Vrms for conducted RFI.
The PCLT demo board described here sustains the levels given on Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com