Electronic Components Datasheet Search
  English  ▼

X  

AN2482 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2482
Description  The purpose of this document
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2482 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2482 Datasheet HTML 10Page - STMicroelectronics AN2482 Datasheet HTML 11Page - STMicroelectronics AN2482 Datasheet HTML 12Page - STMicroelectronics AN2482 Datasheet HTML 13Page - STMicroelectronics AN2482 Datasheet HTML 14Page - STMicroelectronics AN2482 Datasheet HTML 15Page - STMicroelectronics AN2482 Datasheet HTML 16Page - STMicroelectronics AN2482 Datasheet HTML 17Page - STMicroelectronics AN2482 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Demo board
AN2482
14/18
5
Demo board
5.1
Description of the PCLT-2A demo board
This demonstration board allows the PCLT evaluation. It can be easily inserted in a real
application, between sensors and digital bus controller. The LEDs monitors the logic state of
each PCLT input.
The demonstration board schematics are shown on Figure 13. and Figure 14. It has been
designed to present both opto-coupler and CMOS modes for type 2. The bill of material is
given in Table 3.
For the opto-coupler driving mode, the PCLT pin 10 has been grounded, while for the CMOS
driving mode the user has to supply the PCLT pin 10 through the OUTPUT_B connector.
The copper surface under the CLT device improves the thermal dissipation capability of the
exposed pad TSSOP14 package. The copper area (cooling pad) on the PCB demo board is
around 1cm², this decreases the package RTHJA below 110° C/W.
Figure 13.
Electrical diagram of opto-coupler diving mode
Figure 14.
Electrical diagram of CMO driving mode
Cc_A
33nF
0R
0
Cout
100nF
ISO1B
ILD213
D1
SM4005
Rin_A1
750R
1
2
3
4
OUTPUT_A
1
3
2
4
9
8
11
13
14
12
5
7
10
IN1
IN2
VC
REF
VDD
COMp
LED1
LED2
OUT1
OUT2
COMs
UA
PCLT-2A
Rref_A
10k
1
2
3
4
INPUT_A
Cin_A2
22nF
Dnw1
30k
Rin_A2
750R
ISO1A
ILD213
LED_A2
Cin_A1
22nF
LED_A1
Dnw2
30k
Rc_A
2.2k
VDD_A
VDD_A
VDD_A
Opto1
Opto2
Vdd
Gnd
Com
In1
In2
Vcc
Cc_A
33nF
0R
0
Cout
100nF
ISO1B
ILD213
D1
SM4005
Rin_A1
750R
1
2
3
4
OUTPUT_A
1
3
2
4
9
8
11
13
14
12
5
7
10
IN1
IN2
VC
REF
VDD
COMp
LED1
LED2
OUT1
OUT2
COMs
UA
PCLT-2A
Rref_A
10k
1
2
3
4
INPUT_A
Cin_A2
22nF
Dnw1
30k
Rin_A2
750R
ISO1A
ILD213
LED_A2
Cin_A1
22nF
LED_A1
Dnw2
30k
Rc_A
2.2k
VDD_A
VDD_A
VDD_A
Opto1
Opto2
Vdd
Gnd
Com
In1
In2
Vcc
-
Rref_B
UB
Rin_B1
750R
INPUT_B
LED_B1
OUTPUT_B
Out1
Out2
Vdd
Com
Com
In1
In2
Vcc
1
3
2
4
9
8
11
13
14
12
5
7
10
IN1
IN2
VC
REF
VDD
COMp
LED1
LED2
OUT1
OUT2
COMs
UB
PCLT 2A
Cin_B2
22nF
Rin_B1
750R
Cin_B1
22nF
1
2
3
4
INPUT_B
Rc_B
2.2k
LED_B2
LED_B1
Rin_B2
750R
1
2
3
4
OUTPUT_B
D2
SM4005
10k
VDD_B
VDD_B
Out1
Out2
Vdd
Com
Com
In1
In2
Vcc
Cc_B
33nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com