Electronic Components Datasheet Search
  English  ▼

X  

AN2842 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2842
Description  Paralleling of power MOSFETs in PFC topology
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2842 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2842 Datasheet HTML 12Page - STMicroelectronics AN2842 Datasheet HTML 13Page - STMicroelectronics AN2842 Datasheet HTML 14Page - STMicroelectronics AN2842 Datasheet HTML 15Page - STMicroelectronics AN2842 Datasheet HTML 16Page - STMicroelectronics AN2842 Datasheet HTML 17Page - STMicroelectronics AN2842 Datasheet HTML 18Page - STMicroelectronics AN2842 Datasheet HTML 19Page - STMicroelectronics AN2842 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Approach to the study
AN2842
16/22
Doc ID 15110 Rev 1
Figure 19. Details of current imbalance during turn-off when there is a difference in
VGS(th) value
It is important to highlight that the voltage spread isn't the only cause of failure of the device.
In fact, in a right thermal project, devices with high spread of voltage threshold work fine in
each condition.
2.7
Differences in RDS(on)
In order to check the impact due to the RDS(on), we analyze the conduction phase only.
Referring to the schematics shown in
Figure 18, if we suppose that the devices Q1 and Q2
have a different RDS(on), during the conduction phase the system can be represented by two
resistors with different values connected in parallel. If resistor R1 has a lower value than R2,
more current flows through it. In the following figure, details relative to this situation are
reported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com