Electronic Components Datasheet Search
  English  ▼

X  

AN4043 Datasheet(PDF) 56 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 52Page - STMicroelectronics AN4043 Datasheet HTML 53Page - STMicroelectronics AN4043 Datasheet HTML 54Page - STMicroelectronics AN4043 Datasheet HTML 55Page - STMicroelectronics AN4043 Datasheet HTML 56Page - STMicroelectronics AN4043 Datasheet HTML 57Page - STMicroelectronics AN4043 Datasheet HTML 58Page - STMicroelectronics AN4043 Datasheet HTML 59Page - STMicroelectronics AN4043 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
General handling precaution and storage notices
AN4043
56/60
Doc ID 022726 Rev 2
6
General handling precaution and storage notices
The incidence of thermal and/or mechanical stress to the semiconductor devices due to
improper handling may result in significant deterioration of their electrical characteristics
and/or reliability.
The SLLIMM-nano is an ESD sensitive device and it may be damaged in the case of ESD
shocks. All equipment used to handle power modules must comply with ESD standards
including transportation, storage, and assembly.
Transportation
Be careful when handling the SLLIMM-nano and packaging material. Ensure that the
module is not subjected to mechanical vibration or shock during transport. Do not throw or
drop in order to ensure that the SLLIMM-nano is correctly functioning before boarding. Wet
conditions are dangerous and moisture can also adversely affect the packaging. Hold the
package in such a way as to avoid touching the leads during mounting. Putting package
boxes upside down, leaning them at an angle, or giving them uneven stress may cause the
terminals to be deformed or the resin to be damaged.
Throwing or dropping the packaging boxes may cause the modules to be damaged. Wetting
the packaging boxes may cause the malfunction of modules when operating. Pay attention
when transporting in wet conditions.
Storage
●
Do not force or load external pressure on the modules while they are in storage
●
Humidity should be kept within the range of 40% to 75%, the temperature should not go
over 35 °C or below 5 °C
●
Lead solder ability is degraded by lead oxidation or corrosion. So using storage areas
where there is minimal temperature fluctuation is highly recommended
●
The presence of harmful gases or dusty conditions is not acceptable for storage
●
Use antistatic containers.
Electrical shock and thermal injury
●
Do not touch either module or heatsink when the SLLIMM-nano is operating to avoid
sustaining an electrical shock and/or a burn injury.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com