Electronic Components Datasheet Search
  English  ▼

X  

AN4043 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 30Page - STMicroelectronics AN4043 Datasheet HTML 31Page - STMicroelectronics AN4043 Datasheet HTML 32Page - STMicroelectronics AN4043 Datasheet HTML 33Page - STMicroelectronics AN4043 Datasheet HTML 34Page - STMicroelectronics AN4043 Datasheet HTML 35Page - STMicroelectronics AN4043 Datasheet HTML 36Page - STMicroelectronics AN4043 Datasheet HTML 37Page - STMicroelectronics AN4043 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
Electrical characteristics and functions
AN4043
34/60
Doc ID 022726 Rev 2
Equation 12
where
δ is the duty cycle of the PWM signal and RDS(on) is 120 Ω typical value, as shown in
the datasheet.
A practical example can be done by considering a motor drive application where the PWM
switching frequency is 16 kHz, with a duty cycle of 50%, and
ΔVCBOOT = 0.1 V (that means,
a gate driver supply voltage VCC = 17.5 V). From the graph in Figure 21 the bootstrap
capacitance is 1.0 µF, therefore the CBOOT can be selected by using a value between 2.0
and 3.0 µF. According to the commercial value the bootstrap capacitor can be 2.2 µF. From
Equation 12Equation 12, the initial charging time is:
Equation 13
For safety reasons, the initial charging time must be at least 8.1 ms.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
Δ
δ
⋅
≥
CBOOT
CC
)
on
(
DS
BOOT
CHA RGE
V
V
ln
*
R
C
t
ms
7
.
2
1
.
0
5
.
17
ln
5
.
0
120
10
2
.
2
t
6
CHARGE
=
⎟⎟⎠
⎞
⎜⎜⎝
⎛
⋅
⋅
⋅
≥
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com