Electronic Components Datasheet Search
  English  ▼

X  

UPD4722 Datasheet(PDF) 5 Page - NEC

Part # UPD4722
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4722 Datasheet(HTML) 5 Page - NEC

  UPD4722 Datasheet HTML 1Page - NEC UPD4722 Datasheet HTML 2Page - NEC UPD4722 Datasheet HTML 3Page - NEC UPD4722 Datasheet HTML 4Page - NEC UPD4722 Datasheet HTML 5Page - NEC UPD4722 Datasheet HTML 6Page - NEC UPD4722 Datasheet HTML 7Page - NEC UPD4722 Datasheet HTML 8Page - NEC UPD4722 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
µPD4722
ELECTRICAL SPECIFICATIONS (TOTAL)
(UNLESS OTHERWISE SPECIFIED, TA = –40 to +85
°C, C1 to C5 = 1
µF)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VCC = +3.3 V, No load, RIN pin OPEN,
STBY = H
VCC = +5.0 V, No load, RIN pin OPEN,
STBY = H
VCC = +3.3 V, RL = 3 k
Ω (DOUT), DIN = GND,
RIN, ROUT pin OPEN, STBY = H
VCC = +5.0 V,RL = 3 k
Ω (DOUT), DIN = GND,
RIN, ROUT pin OPEN, STBY = H
VCC = +3.3 V, No load, DIN and RIN pins are
OPEN, STBY = L, EN = L, TA = 25
°C
VCC = +3.3 V, No load, DIN and RIN pins are
OPEN, STBY = L, EN = L
VCC = +5.0 V, No load, DIN and RIN pins are
OPEN, STBY = L, EN = L, TA = 25
°C
VCC = +5.0 V, No load, DIN and RIN pins are
OPEN, STBY = L, EN = L
VCC = +3.3 V, No load, DIN and RIN pins are
OPEN, STBY = L, EN = H, TA = 25
°C
VCC = +3.3 V, No load, DIN and RIN pins are
OPEN, STBY = L, EN = H
VCC = +5.0 V, No load, DIN and RIN pins are
OPEN, STBY = L, EN = H, TA = 25
°C
VCC = +5.0 V, No load, DIN and RIN pins are
OPEN, STBY = L, EN = H
High-Level Input Voltage
VIH
VCC = +3.0 to +5.5 V, STBY, VCHA, EN pin
2.4
V
Low-Level Input Voltage
VIL
VCC = +3.0 to +5.5 V, STBY, VCHA, EN pin
0.6
V
High-Level Input Current
IIH
VCC = +5.5 V, VI = 5.5 V, STBY, VCHA, EN pin
1
µA
Low-Level Input Current
IIL
VCC = +5.5 V, VI = 0 V, STBY, VCHA, EN pin
–1
µA
Driver input and receiver input
VCC = +3.3 V, for GND, f = 1 MHz
Driver input and receiver input
VCC = +5.0 V, for GND, f = 1 MHz
STBY — VCHA Time
tSCH
VCC = +3.0 to 5.5 V, STBY
↓ → VCHA, Note 8
1
µs
VCHA — STBY Time
tCHS
VCC = +3.0 to 5.5 V, VCHA
→ STBY ↑, Note 8
1
µs
STBY — VCC Time
tSC
VCC = +3.0 to 5.5 V, STBY
↓ → VCC, Note 8
1
µs
VCC — STBY Time
tCS
VCC = +3.0 to 5.5 V, VCC
→ STBY ↑, Note 8
1
µs
* The TYP. values are for reference at TA = 25
°C.
10
pF
Circuit Current
ICC1
12
mA
16
mA
47
mA
38
mA
Circuit Current
ICC2
ICC3
Circuit Current at Standby
(Standby Mode 1)
ICC4
Circuit Current at Standby
(Standby Mode 2)
5
µA
10
µA
25
µA
13
µA
5
µA
10
µA
25
µA
13
µA
10
pF
Input Capacitance
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com