Electronic Components Datasheet Search
  English  ▼

X  

UPD4722 Datasheet(PDF) 1 Page - NEC

Part # UPD4722
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4722 Datasheet(HTML) 1 Page - NEC

  UPD4722 Datasheet HTML 1Page - NEC UPD4722 Datasheet HTML 2Page - NEC UPD4722 Datasheet HTML 3Page - NEC UPD4722 Datasheet HTML 4Page - NEC UPD4722 Datasheet HTML 5Page - NEC UPD4722 Datasheet HTML 6Page - NEC UPD4722 Datasheet HTML 7Page - NEC UPD4722 Datasheet HTML 8Page - NEC UPD4722 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
1993
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD4722
Document No. S12199EJ3V0DS00 (3rd edition)
(Previous No. IC-3280)
Date Published January 1997 N
Printed in Japan
RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
The
µPD4722 is a high-breakdown voltage silicon gate CMOS line driver/receiver based on the EIA/TIA-232-E
standard. The internal DC/DC converter can switch between multiple voltages, allowing it to operate with a single +3.3
V or +5 V power supply. It also provides standby function.
This IC incorporates 4 driver circuits and 4 receiver circuits. An RS-232 interface circuit can be easily configured
by connecting 5 capacitors externally.
FEATURES
•
Conforms to EIA/TIA-232-E (former name, RS-232C) standards
•
Selectable +3.3 V/+5 V single power supply (selected by VCHA pin)
•
By setting the standby pin to a low level (standby mode), circuit current can be reduced. At such times, the driver
output is in a high-impedance state.
•
Even in the standby mode, 2 receiver circuits can operate as inverters without hysteresis width.
The other 2 circuits are fixed at a high level.
ORDERING INFORMATION
Part number
Package
µPD4722GS-GJG
30-pin plastic SSOP (300 mil)


Similar Part No. - UPD4722

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4722 RENESAS-UPD4722 Datasheet
360Kb / 18P
MOS INTEGRATED CIRCUIT
1993
UPD4722GS-GJG RENESAS-UPD4722GS-GJG Datasheet
360Kb / 18P
MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD4722

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4721 NEC-UPD4721 Datasheet
123Kb / 16P
RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4723 NEC-UPD4723 Datasheet
125Kb / 16P
RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
UPD4724 NEC-UPD4724 Datasheet
140Kb / 16P
RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
logo
Texas Instruments
SN75LV4737A TI-SN75LV4737A Datasheet
193Kb / 13P
3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3101E AD-ADM3101E Datasheet
164Kb / 10P
3.3 V, Single Channel RS-232 Line Driver/Receiver
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
-15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
12/06-Revision 0
logo
Texas Instruments
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4737A TI1-SN75LV4737A_08 Datasheet
415Kb / 17P
3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
logo
Analog Devices
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com