Electronic Components Datasheet Search
  English  ▼

X  

UPD4722 Datasheet(PDF) 8 Page - NEC

Part # UPD4722
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4722 Datasheet(HTML) 8 Page - NEC

Back Button UPD4722 Datasheet HTML 4Page - NEC UPD4722 Datasheet HTML 5Page - NEC UPD4722 Datasheet HTML 6Page - NEC UPD4722 Datasheet HTML 7Page - NEC UPD4722 Datasheet HTML 8Page - NEC UPD4722 Datasheet HTML 9Page - NEC UPD4722 Datasheet HTML 10Page - NEC UPD4722 Datasheet HTML 11Page - NEC UPD4722 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
µPD4722
Note 10. Measuring point
Note 11. Measuring point
Note 12. Measuring point
Driver outputs are indefinite during transition time (tDZA).
0.6 V
2.4 V
+5 V
–5 V
+5 V
–5 V
High-impedance
tDAZ
tDZA
VCC
0 V
VDO+
VDO–
STBY
DOUT
Driver outputs are indefinite during transition time (tPRA).
High-impedance
3.0 V
3.3 V
0 V
VCC
VDO+
VDO–
DOUT
+5 V
–5 V
tPRA
Driver outputs are indefinite during transition time (tPRA).
High-impedance
4.5 V
5 V
0 V
VCC
VDO+
VDO–
DOUT
+5 V
–5 V
tPRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com