Electronic Components Datasheet Search
  English  ▼

X  

AN4250 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4250
Description  Fishbone diagram for power factor correction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4250 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4250 Datasheet HTML 4Page - STMicroelectronics AN4250 Datasheet HTML 5Page - STMicroelectronics AN4250 Datasheet HTML 6Page - STMicroelectronics AN4250 Datasheet HTML 7Page - STMicroelectronics AN4250 Datasheet HTML 8Page - STMicroelectronics AN4250 Datasheet HTML 9Page - STMicroelectronics AN4250 Datasheet HTML 10Page - STMicroelectronics AN4250 Datasheet HTML 11Page - STMicroelectronics AN4250 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Power factor correction
AN4250
8/15
DocID024230 Rev 1
3
Power factor correction
The PFC is a power stage, which can correct the power factor. The circuit target allows the
input current in phase with the main voltage to reduce the harmonic distortion. PF values
are close to 1.
Working on the duty cycle or on the frequency of the switch commutation, the sinusoidal
current shape can be built. The entire system is managed by a microcontroller, which
compares the input main voltage with the output voltage and acts on the duty cycle.
Boost converter features two conduction modes; current waveforms depend on them.
In the DCM, the Power MOSFET of the Boost converter turns on when the inductor current
reaches zero, and turns off when the inductor current meets the desired value.
In the CCM, the Power MOSFET of the Boost converter turns on when the inductor current
is not zero.
Figure 7. Current waveforms on the inductor for the CCM/DCM Boost converter
AM17355v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com