Electronic Components Datasheet Search
  English  ▼

X  

AN4250 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4250
Description  Fishbone diagram for power factor correction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4250 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4250 Datasheet HTML 6Page - STMicroelectronics AN4250 Datasheet HTML 7Page - STMicroelectronics AN4250 Datasheet HTML 8Page - STMicroelectronics AN4250 Datasheet HTML 9Page - STMicroelectronics AN4250 Datasheet HTML 10Page - STMicroelectronics AN4250 Datasheet HTML 11Page - STMicroelectronics AN4250 Datasheet HTML 12Page - STMicroelectronics AN4250 Datasheet HTML 13Page - STMicroelectronics AN4250 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Fishbone diagram
AN4250
10/15
DocID024230 Rev 1
Short-circuit of the load
When the load is in short-circuit condition, if the short protection circuit is not present or if its
operative time is too long, the following failures can happen:
1.
If the “pre-charge” circuit is not present, the switch works in start-up phase with a huge
quantity of current (refer to the start-up critical condition)
2.
the “pre-charge” circuit is present till it works, then current flows onto the switch like the
previous case
Switching diode recovery
In CCM as above written, during the commutation, the current, which flows through the
diode, is not zero. In this case, both the coil current inside the switch and the diode current
flow (current spike depends on the reverse recovery time t
rr
). In relation to the intensity of
the spike, the overall absorbed current could cause the failure.
Figure 9. Recovery current inside a diode
Causes linked to the material
Due to the intrinsic characteristics of the Power MOSFET device (V
th
, R
g
, C
rss
), a spurious
turn-on can happen during the turn-off commutation.
In detail, during the turn-off, spurious noise on the drain (like a fast d
v
/d
t
) generates with the
C
rss
capacitance a spurious current:
Equation 9
High values of C
rss
can cause the undesired turn-on of the switch.
ID
ID nom
T
TIRM
25%
IRM
IRM
TRR
AM17357v1
dt
d
v
C
i
DS
rs s
s =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com