Electronic Components Datasheet Search
  English  ▼

X  

AN4250 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4250
Description  Fishbone diagram for power factor correction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4250 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4250 Datasheet HTML 7Page - STMicroelectronics AN4250 Datasheet HTML 8Page - STMicroelectronics AN4250 Datasheet HTML 9Page - STMicroelectronics AN4250 Datasheet HTML 10Page - STMicroelectronics AN4250 Datasheet HTML 11Page - STMicroelectronics AN4250 Datasheet HTML 12Page - STMicroelectronics AN4250 Datasheet HTML 13Page - STMicroelectronics AN4250 Datasheet HTML 14Page - STMicroelectronics AN4250 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Fishbone diagram for Power MOSFET in parallel
AN4250
12/15
DocID024230 Rev 1
5
Fishbone diagram for Power MOSFET in parallel
When the power levels are very high, some PFC makers put in parallel two or more Power
MOSFET devices. In this case, other aspects must be taken in account.
Causes linked to the application
Parasitic inductance
It is generated by interconnection wiring and discrete components. They cause delays and
power losses which affect the balance of the current. It strictly depends on the PCB layout.
Temperature unbalance
A temperature rise causes a decrease of V
th
and an increase of R
DS(on)
.
Decrease of V
th
-> switching loss rise -> thermal runaway.
Increase of R
DS(on)
-> conductive loss rise-> current limitation -> unbalance.
Several factors let two Power MOSFETs work according to different temperatures:
–
Another device is mounted on the same heatsink
–
Different air flow according to the fan
Boost diode
During the turn-on, it impacts on the current spike. If devices with different V
th
are used
(500 mV), a fast diode or a very fast diode involves a different peak current.
Gate circuitry
Decoupling resistor mismatch causes the current unbalance. The device with lower R
gate
leads more current than other one and its temperature, as well as its R
DS(on)
increase.
Causes linked to the material
Different Vth
During the switching phase (turn-on, turn-off), the difference of V
th
leads the device, with its
lower value, to conduct earlier, causing an unbalance of the currents.
Different RDS(on)
The difference of R
DS(on)
causes, during the conduction phase, an unbalance between two
currents. In particular, if one of the two Power MOSFETs has a lower R
DS(on)
, an increase of
its I
D
current is observed, causing an increase of the Power MOSFET temperature.
Gfs influence
Different gfs values, during the commutation, cause substantial differences in relation to the
two currents. This parameter is guaranteed by design and process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com