Electronic Components Datasheet Search
  English  ▼

X  

UPD4724 Datasheet(PDF) 4 Page - NEC

Part # UPD4724
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4724 Datasheet(HTML) 4 Page - NEC

  UPD4724 Datasheet HTML 1Page - NEC UPD4724 Datasheet HTML 2Page - NEC UPD4724 Datasheet HTML 3Page - NEC UPD4724 Datasheet HTML 4Page - NEC UPD4724 Datasheet HTML 5Page - NEC UPD4724 Datasheet HTML 6Page - NEC UPD4724 Datasheet HTML 7Page - NEC UPD4724 Datasheet HTML 8Page - NEC UPD4724 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
µPD4724
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Supply Voltage (VCHA = L)
VCC
–0.5 to +7.0
V
Supply Voltage (VCHA = H)
VCC
–0.5 to +4.5
V
Driver Input Voltage
DIN
–0.5 to VCC + 0.5
V
Receiver Input Voltage
RIN
–30.0 to +30.0
V
Control Input Voltage (STBY, VCHA, EN)
VIN
–0.5 to VCC + 0.5
V
Driver Output Voltage
DOUT
–25.0 to +25.0Note
V
Receiver Output Voltage
ROUT
–0.5 to VCC + 0.5
V
Input Current (DIN, STBY, VCHA, EN)
IIN
±20.0
mA
Operating Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–55 to +150
°C
Power Dissipation
PT
0.5
W
Note Pulse width = 1 ms, duty cycle = 10 % MAX.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage (VCHA = L, 5 V mode)
VCC
4.5
5.0
5.5
V
Supply Voltage (VCHA = H, 3 V mode)
VCC
3.0
3.3
3.6
V
High Level Input Voltage (DIN)VIH
2.0
VCC
V
Low Level Input Voltage (DIN)VIL
0
0.8
V
High Level Input Voltage (STBY, VCHA, EN)
VIH
2.4
VCC
V
Low Level Input Voltage (STBY, VCHA, EN)
VIL
0
0.6
V
Receiver Input Voltage
RIN
–30
+30
V
Operating Temperature
TA
–40
+85
°C
Capacitance of External Capacitor
Note
0.33
4.7
µF
Note If the use of an electrolytic capacitor at low temperature is likely, set the capacitance with sufficient
margin, because the capacitance of an electrolytic capacitor is smaller at lower temperatures (0
°C or
lower). Care must be taken to minimize the wiring length between the capacitor and this IC. Using
capacitors of excellent high frequency characteristics (such as tantalum, multi-layer ceramic capacitors,
and aluminum electrolytic capacitors for switching power supplies) is highly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com