Electronic Components Datasheet Search
  English  ▼

X  

UPD4724 Datasheet(PDF) 8 Page - NEC

Part # UPD4724
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4724 Datasheet(HTML) 8 Page - NEC

Back Button UPD4724 Datasheet HTML 4Page - NEC UPD4724 Datasheet HTML 5Page - NEC UPD4724 Datasheet HTML 6Page - NEC UPD4724 Datasheet HTML 7Page - NEC UPD4724 Datasheet HTML 8Page - NEC UPD4724 Datasheet HTML 9Page - NEC UPD4724 Datasheet HTML 10Page - NEC UPD4724 Datasheet HTML 11Page - NEC UPD4724 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
µPD4724
Note 1
Test points for slew rate, tPHL, and tPLH
Note 2
Test points for tDAZ, and tDZA
VCC
0 V
VD0
+
VD0
–
0.8 V
2.0 V
+5 V
+3 V
–3 V
+3 V
–3 V
–5 V
SR
+
SR
–
DOUT
tPLH
tPHL
DIN
0.6 V
2.4 V
tDAZ
tDZA
+5 V
+5 V
–5 V
–5 V
0 V
VD0
+
VD0
–
STBY
DOUT
High-impedance
VCC
Driver outputs are indefinite during transition time (tDZA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com